Electronic Components Datasheet Search
  English  ▼

X  

1489P9 Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # 1489P9
Description  Bo챤tiers pour boutons-poussoirs en acier doux de type 12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1489P9 Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  1489P9 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1489P9 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1489P9 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Part No.
No. Of
Panel Size
Overall Dimensions
Z
Ship
30.5mm Hole
22.5mm Hole
Holes
A
B
C
D
E
F
H
L
W
Wt. Lbs.
1489P4
1489MP4
4
8.25
7.25
6.00 6.25
5.25
5.38
8.75
9.25
7.56
8.56
9
1489P6
1489MP6
6
10.50
7.25
6.00 8.50
5.25
5.38
11.00
11.50
7.56
10.81
11
1489P9
1489MP9
9
10.50
9.50
6.00 8.50
7.50
7.63
11.00
11.50
9.81
10.81
13
1489P12
1489MP12
12
12.75
9.50
6.00 10.75
7.50
7.63
13.25
13.75
9.81
13.06
15
1489P16
1489MP16
16
12.75 11.75 6.00 10.75
9.75
9.88
13.25
13.75
12.06
13.06
19
1489P20
1489MP20
20
15.00 11.75 6.00 13.00
9.75
9.88
15.50
16.00
12.06
15.31
21
1489P25
1489MP25
25
15.00 14.00 6.00 13.00 12.00 12.13 15.50
16.00
14.31
15.31
23
1489P30
1489MP30
30
17.25 14.00 6.00 15.25 12.00 12.13 17.75
18.25
14.31
17.56
28
1489P36
1489MP36
36
17.25 16.25 6.00 15.25 14.25 14.38 17.75
18.25
16.56
17.56
32
1489P42
1489MP42
42
19.50 16.25 6.00 17.50 14.25 14.38 20.00
20.50
16.56
19.81
29
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com