Electronic Components Datasheet Search
  English  ▼

X  

BAS21SH Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BAS21SH
Description  Fast Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAS21SH Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BAS21SH Datasheet HTML 1Page - Cystech Electonics Corp. BAS21SH Datasheet HTML 2Page - Cystech Electonics Corp. BAS21SH Datasheet HTML 3Page - Cystech Electonics Corp. BAS21SH Datasheet HTML 4Page - Cystech Electonics Corp. BAS21SH Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C335SH
Issued Date : 2011.05.10
Revised Date : 2012.06.28
Page No. : 2/5
BAS21H
CYStek Product Specification
Electrical Characteristics @ TA=25℃ unless otherwise specified
Parameters
Symbol
Conditions
Min
Typ. Max Unit
Forward voltage
VF
IF=100mA
IF=200mA
-
-
1
1.25
V
Reverse current
IR
VR=200V
-
-
100
nA
Junction Capacitance
CJ
VR=0V, f=1MHz
-
-
5
pF
Reverse recovery time
trr
IF=IR=30mA, Irr=0.1×IR,
RL=100Ω
-
-
50
ns
Typical Characteristics
Forward Current vs Forward Voltage
0.1
1
10
100
1000
0
0.3
0.6
0.9
1.2
1.5
Forward Voltage---VF(V)
Pulse
width=300μs
25°C
75°C
100°C
125°C
150°C
Reverse Leakage Current vs Reverse Voltage
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
Reverse Voltage---VR(V)
100℃
75℃
25℃
125℃
150°C
Junction Capacitance vs Reverse Voltage
0.1
1
10
0.1
1
10
100
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Power Derating Curve
0
100
200
300
400
500
600
0
25
50
75
100
125
150
175
TA, Ambient Temperature(℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com