Electronic Components Datasheet Search
  English  ▼

X  

NSP331M4D4ATRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NSP331M4D4ATRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP331M4D4ATRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NSP331M4D4ATRF Datasheet HTML 1Page - NIC-Components Corp. NSP331M4D4ATRF Datasheet HTML 2Page - NIC-Components Corp. NSP331M4D4ATRF Datasheet HTML 3Page - NIC-Components Corp. NSP331M4D4ATRF Datasheet HTML 4Page - NIC-Components Corp. NSP331M4D4ATRF Datasheet HTML 5Page - NIC-Components Corp. NSP331M4D4ATRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
(Reflow 240°C)
NIC Part Number
(Reflow 260°C)
WV Cap. Max. LC (µA)
Tan δ
Max. Ripple Current
+105°C & 100KHz (mArms)
Max. ESR
+20°C & 100KHz (Ω)
Height
H
(Vdc) (µF) 240°C 260°C
NSP680M2D5TRF
N/A
2.0
68
8.1
-
0.06
2,000
0.028
1.1±0.1
N/A
NSP271M2D4ATRF
270
-
54.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP271M2D4XATRF
270
-
54.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP331M2D3ATRF
330
-
66.0
0.10
3,000
0.015
2.8±0.2
N/A
NSP331M2D3XATRF
330
-
66.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP331M2D3YATRF
330
-
66.0
0.10
3,400
0.009
2.8±0.2
N/A
NSP331M2D4ATRF
330
-
66.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP331M2D4XATRF
330
-
66.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP391M2D3ATRF
390
-
78.0
0.10
3,000
0.015
2.8±0.2
N/A
NSP391M2D3YATRF
390
-
78.0
0.10
3,400
0.009
2.8±0.2
N/A
NSP391M2D4ATRF
390
-
78.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP391M2D4XATRF
390
-
78.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP391M2D4YATRF
390
-
78.0
0.10
3,700
0.007
4.2±0.1
N/A
NSP471M2D4ATRF
470
-
94.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP471M2D3YATRF
470
-
94.0
0.10
3,400
0.009
2.8±0.1
N/A
NSP471M2D4XATRF
470
-
94.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP471M2D4YATRF
470
-
94.0
0.10
3,700
0.007
4.2±0.1
N/A
NSP561M2D4ATRF
560
-
112.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP561M2D4YATRF
560
-
112.0
0.10
3,700
0.007
4.2±0.1
NSP560M2.5D5TRF
N/A
2.5
56
8.4
-
0.06
2,000
0.028
1.1±0.1
N/A
NSP221M2.5D3ATRF
220
-
55.0
0.10
3,000
0.015
2.8±0.2
N/A
NSP221M2.5D3XATRF
220
-
55.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP221M2.5D3YATRF
220
-
78.0
0.10
3,400
0.009
2.8±0.2
N/A
NSP221M2.5D4ATRF
220
-
55.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP221M2.5D4XATRF
220
-
55.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP271M2.5D3ATRF
270
-
67.5
0.10
3,000
0.015
2.8±0.2
N/A
NSP271M2.5D3YATRF
270
-
78.0
0.10
3,400
0.009
2.8±0.2
N/A
NSP271M2.5D4ATRF
270
-
67.5
0.10
3,300
0.012
4.2±0.1
N/A
NSP271M2.5D4XATRF
270
-
67.5
0.10
3,500
0.010
4.2±0.1
N/A
NSP331M2.5D4ATRF
330
-
82.5
0.10
3,300
0.012
4.2±0.1
N/A
NSP331M2.5D4XATRF
330
-
82.5
0.10
3,500
0.010
4.2±0.1
N/A
NSP331M2.5D4YATRF
330
-
82.5
0.10
3,700
0.007
4.2±0.1
N/A
NSP391M2.5D4ATRF
390
-
97.5
0.10
3,300
0.012
4.2±0.1
N/A
NSP391M2.5D4YATRF
390
-
97.5
0.10
3,700
0.007
4.2±0.1
N/A
NSP471M2.5D4ATRF
470
-
117.5
0.10
3,300
0.012
4.2±0.1
N/A
NSP471M2.5D4YATRF
470
-
117.5
0.10
3,700
0.007
4.2±0.1
NSP390M4D5TRF
N/A
4
39
9.3
-
0.06
2,000
0.028
1.1±0.1
NSP470M4D5TRF
N/A
47
11.3
-
0.06
2,000
0.028
1.1±0.1
N/A
NSP121M4D3ATRF
120
-
48.0
0.10
3,000
0.015
2.8±0.2
N/A
NSP121M4D3XATRF
120
-
48.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP151M4D3ATRF
150
-
60.0
0.10
3,000
0.015
2.8±0.2
N/A
NSP151M4D3XATRF
150
-
60.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP151M4D3YATRF
150
-
60.0
0.10
3,400
0.009
2.8±0.2
N/A
NSP181M4D3ATRF
180
-
72.0
0.10
2,500
0.018
2.8±0.2
N/A
NSP181M4D4ATRF
180
-
72.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP181M4D3YATRF
180
-
72.0
0.10
3,400
0.009
2.8±0.2
N/A
NSP181M4D4XATRF
180
-
72.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP221M4D4ATRF
220
-
88.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP221M4D4XATRF
220
-
88.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP221M4D4YATRF
220
-
88.0
0.10
3,700
0.007
4.2±0.1
N/A
NSP271M4D4ATRF
270
-
108.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP271M4D4YATRF
270
-
108.0
0.10
3,700
0.007
4.2±0.1
NSP330M6.3D5TRF
N/A
6.3
33
8.3
-
0.06
2,000
0.028
1.1±0.1
NSP560M6.3D2ZTRF
N/A
56
14.1
-
0.06
3,000
0.009
1.8±0.1
N/A
NSP101M6.3D3ATRF
100
-
63.0
0.10
3,000
0.015
2.8±0.2
N/A
NSP101M6.3D3XATRF
100
-
63.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP121M6.3D3ATRF
120
-
75.6
0.10
3,000
0.015
2.8±0.2
N/A
NSP121M6.3D3XATRF
120
-
75.6
0.10
3,300
0.012
2.8±0.2
N/A
NSP151M6.3D3ATRF
150
-
94.5
0.10
2,500
0.018
2.8±0.2
Not Recommended for New Designs
Note: The following parts are supported but not recommended for new designs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com