Electronic Components Datasheet Search
  English  ▼

X  

LBN09017 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN09017
Description  90MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09017 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN09017 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09017 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09017 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09017
Rev. Date
2006-8-30
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
90MHz SAW Filter
24MHz Bandwidth
Part Number: LBN09017
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
89.85
90
90.15
Insertion Loss
dB
-
33
35
1.5dB Bandwidth
MHz
24
24.14
-
3 dB Bandwidth
MHz
-
24.24
-
35 dB Bandwidth
MHz
-
24.75
24.8
40 dB Bandwidth
MHz
-
24.88
-
50 dB Bandwidth
MHz
-
25.14
-
Passband Variation
dB
-
1.1
1.5
Absolute Delay
usec
-
3.8
-
Phase Linearity(f0±11MHz)
deg
-
6
-
Group Delay Variation(f0±11MHz)
nsec
-
70
-
Ultimate Rejection
dB
50
51
-
Material Temperature coefficient
KHz/°C
-8.46
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN09017

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09017 SIPAT-LBN09017 Datasheet
138Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
More results

Similar Description - LBN09017

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09003 SIPAT-LBN09003 Datasheet
143Kb / 3P
90MHz SAW Filter
LBN09006 SIPAT-LBN09006 Datasheet
150Kb / 3P
90MHz SAW Filter
LBN09007 SIPAT-LBN09007 Datasheet
142Kb / 3P
90MHz SAW Filter
LBN09012 SIPAT-LBN09012 Datasheet
146Kb / 3P
90MHz SAW Filter
LBN09013 SIPAT-LBN09013 Datasheet
144Kb / 3P
90MHz SAW Filter
LBN09015 SIPAT-LBN09015 Datasheet
146Kb / 3P
90MHz SAW Filter
LBN09018 SIPAT-LBN09018 Datasheet
150Kb / 3P
90MHz SAW Filter
LBN09026 SIPAT-LBN09026 Datasheet
194Kb / 3P
90MHz SAW Filter
LBN09029 SIPAT-LBN09029 Datasheet
186Kb / 3P
90MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0886A TAI-SAW-TB0886A Datasheet
386Kb / 7P
SAW Filter 90MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com