Electronic Components Datasheet Search
  English  ▼

X  

LBN09019 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN09019
Description  90MHz IF SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09019 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN09019 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09019 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09019 Datasheet HTML 3Page - SIPAT Co,Ltd LBN09019 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09019
Rev. Date
2007-07-04
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
90MHz IF SAW Filter
24MHz Bandwidth
Part Number: LBN09019
Typical Performance
Frequency Respond
Passband Respond
60
70
80
90
100
110
120
-120.8215
-110.8215
-100.8215
-90.8215
-80.8215
-70.8215
-60.8215
-50.8215
-40.8215
-30.8215
-20.8215
Type Performance
Frequency(MHz)
3dB CF = 89.8916MHz
1dB = 23.9399MHz
1.5dB = 24.0044MHz
3dB = 24.1261MHz
25dB = 24.6958MHz
40dB = 24.8612MHz
Insert Loss = -30.8215dB
Passband Ripple = 0.8074dB
Ultimate Rejection = 52.8566dB
Group Delay = 69.1022ns
Phase Linearity = 5.3642deg
Absolute Delay = 3742.0861ns
Horizontal:10MHz/Div
Vertical: 10dB/Div
60
70
80
90
100
110
120
-33.3215
-32.8215
-32.3215
-31.8215
-31.3215
-30.8215
-30.3215
-29.8215
-29.3215
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±11MHz)
Phase Linearity(f0±11MHz)
70
75
80
85
90
95
100
105
110
3400
3500
3600
3700
3800
3900
4000
X: 90
Y: 3739
Type Performance
Frequency(MHz)
X: 101
Y: 3748
X: 78.99
Y: 3725
Horizontal: 5MHz/Div
Vertical: 100ns/Div
70
75
80
85
90
95
100
105
110
-20
-15
-10
-5
0
5
10
15
X: 90
Y: -0.7311
Type Performance
Frequency(MHz)
X: 101
Y: 1.537
X: 78.99
Y: 0.1757
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com