Electronic Components Datasheet Search
  English  ▼

X  

W48S87 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # W48S87
Description  Desktop/Notebook Frequency Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W48S87 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button W48S87 Datasheet HTML 9Page - Cypress Semiconductor W48S87 Datasheet HTML 10Page - Cypress Semiconductor W48S87 Datasheet HTML 11Page - Cypress Semiconductor W48S87 Datasheet HTML 12Page - Cypress Semiconductor W48S87 Datasheet HTML 13Page - Cypress Semiconductor W48S87 Datasheet HTML 14Page - Cypress Semiconductor W48S87 Datasheet HTML 15Page - Cypress Semiconductor W48S87 Datasheet HTML 16Page - Cypress Semiconductor W48S87 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
W48S87-72
13
Crystal Oscillator
VTH
X1 Input Threshold Voltage[6]
VDD = 3.3V
1.65
V
CLOAD
Load Capacitance, Imposed on
External Crystal[7]
14
pF
CIN,X1
X1 Input Capacitance[8]
Pin X2 unconnected
28
pF
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
Except X1 and X2
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7nH
Serial Input Port
VIL
Input Low Voltage
VDD = 3.3V
0.4
0.3VDD
V
VIH
Input High Voltage
VDD = 3.3V
0.7VDD
2.4
V
IIL
Input Low Current
No internal pull-up/down
on SCLOCK
10
10
µA
IIH
Input High Current
No internal pull-up/down
on SCLOCK
10
10
µA
IOL
Sink Current into SDATA or SCLOCK,
Open Drain N-Channel Device On
IOL = 0.3VDD
510
15
mA
CIN
Input Capacitance of SDATA and
SCLOCK
510
pF
CSDATA
Total Capacitance of SDATA Bus
400
pF
CSCLOCK
Total Capacitance of SCLOCK Bus
400
pF
Notes:
6.
X1 input threshold voltage (typical) is VDDQ3/2.
7.
The W48S87-72 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. Total load placed on crystal
is 14 pF; this includes typical stray capacitance of short PCB traces to crystal.
8.
X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).
DC Electrical Characteristics: (continued)
TA = 0°C to +70°C, VDDQ3 = 3.3V±5% (3.135–3.465V) fXTL = 14.31818 MHz, VDDQ2 = 2.5±5%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com