Electronic Components Datasheet Search
  English  ▼

X  

TG-89 Datasheet(PDF) 4 Page - Clare, Inc.

Part # TG-89
Description  HIGH ENERGY SPARK GAP DEVICES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TG-89 Datasheet(HTML) 4 Page - Clare, Inc.

  TG-89 Datasheet HTML 1Page - Clare, Inc. TG-89 Datasheet HTML 2Page - Clare, Inc. TG-89 Datasheet HTML 3Page - Clare, Inc. TG-89 Datasheet HTML 4Page - Clare, Inc. TG-89 Datasheet HTML 5Page - Clare, Inc. TG-89 Datasheet HTML 6Page - Clare, Inc. TG-89 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPECIFICATIONS
567
www.cpclare.com
HIGH ENERGY SPARK GAP DEVICES
Two Electrode High-Energy Spark Gaps
All characteristics at 25˚C.
PART
DC BREAKDOWN
INITIAL
REPETITIVE
PACKAGE
DIMENSION A
DIMENSION B
DIMENSION C
NUMBER
VOLTAGE
PULSE
PULSE
OUTLINE
(INCHES)
(INCHES)
(INCHES)
(KV
± 10%)
BREAKDOWN
BREAKDOWN
VOLTAGE (KV)(3) VOLTAGE (KV)(3)
TG-131
30.00
33.0
25.0
4A
4.000
± .188
—
—
TG-132
2.00
—
—
special
—
—
—
TG-133
9.00
9.0 - 11.5
9.0 - 11.5
7A
0.192
± .010
—
—
TG-135
2.00
—
—
special
—
—
—
TG-139
0.50
—
—
1A
0.487
± .031
—
—
TG-140
0.60
—
—
3A
—
—
—
TG-148
6.00
7.5
6.0
special
—
—
—
TG-149
2.00
—
—
9
0.620 max
0.219 max
—
TG-152
0.50
—
—
special
—
—
—
TG-153
0.38
± .02
—
—
1A
0.487
± .031
—
—
TG-155
1.40
—
—
2
—
—
—
TG-156
2.625
± 0.125
—
—
1
0.620 max
1.000
± .031
0.188 max
TG-157
1.20
—
—
9
0.515 max
0.125 max
—
TG-162
21.00
± 1.00
—
—
4
3.750
± .125
—
TG-163
31.50
± 3.00
—
—
4
4.000
± .188
—
—
TG-164
2.20
—
—
9
0.620 max
0.219nom
TG-166
0.40
—
—
9
0.515 max
0.125 max
—
TG-167
0.60
—
—
9
0.515 max
0.125 max
—
TG-168
0.80
—
—
9
0.515 max
0.125 max
—
TG-169
1.00
—
—
9
0.515 max
0.125 max
—
TG-170
2.50
—
—
9
0.620 max
0.219 max
—
TG-171
3.00
—
—
9
0.620 max
0.219 max
—
TG-172
3.50
—
—
9
0.620 max
0.219 max
—
TG-173
4.00
—
—
9
0.620 max
0.219 max
—
TG-174
5.00
—
—
9
0.620 max
0.219 max
—
TG-175
6.00
6.0 - 7.5
6.0 - 7.5
9
0.620 max
0.219 max
—
TG-176
6.00
—
—
7
2.250
± 0.125
—
—
TG-183
35.00
—
—
4
4.000
± .188
—
—
TG-184(5)
7.00
—
—
3A
—
—
—
TG-186
20.00
—
—
4
3.750
± .125
—
—
TG-187
1.50
—
—
3
—
—
—
TG-188
0.60
—
—
1
0.620 max
1.000
± .031 max
0.188 max
TG-189
0.50
—
—
9
0.515 max
0.125 nom
—
TG-191(2)
0.45
—
—
1
0.620 max
0.455
± 0.031
0.275
± 0.075
TG-192
31.00
± 3.0
—
—
4
4.000
± .188
—
—
TG-193
2.30
—
—
special
—
—
—
TG-194
60.00
± 8.0
—
—
4
4.500
± .188
—
—
TG-196
9.00
9.0 - 11.5
9.0 - 11.5
7A
0.500
± 0.30
—
—
TG-197
18.375
± 0.875
—
—
2
—
—
—
TG-198(1)
1.60
—
—
1
0.620 max
1.000
± 0.031
0.125 max
TG-249
0.18
± .05
—
—
1A
0.450
± .031
—
—
TG-359
0.345
± 0.45
—
—
special
—
—
—
TG-366A
14.00
—
—
special
—
—
—
TG-373
21.00
—
—
special
—
—
—
TG-375
20.5 - 24.0
—
—
4
4.000
± .188
—
—
TG-376
14.8 - 18.15
—
—
4
4.000
± .188
—
—
(1) 6-32 tapped hole in non-tubulated end.
(2) Identical tubulation on both ends.
(3) The voltage level at which the spark discharge occurs when a unipolarity pulse train is applied to the gap. Typically, the pulse repetition rate is 400 pps (pulses/second) with a rise
time of 0.3
µs and a pulse width of 0.5 µs. The “initial” range specifies at what increasing voltage the gap begins to fire and the “rep” range specifies at what decreasing voltage the
gap ceases to fire repetitively.
(4) Pulse repetition rate is 1500pps instead of the standard 400pps.
(5) Though outlines 2, 3, and 3A are identical, the electrode materials and configurations vary internally.
(6) Though outlines 4 and 4A are identical, gaps with outline 4A have heavier internal construction to withstand more severe shock and vibration.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com