Electronic Components Datasheet Search
  English  ▼

X  

EW447 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EW447
Description  1/8 WATT METAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EW447 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EW447 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/8 WATT METAL
6
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
NTE
NTE
NTE
NTE
NTE
NTE
NTE
Value in
Stock
Value in
Stock
Value in
Stock
Value in
Stock
Value in
Stock
Value in
Stock
Value in
Stock
Ohms
Number
Ohms
Number
Ohms
Number
Ohms
Number
Ohms
Number
Ohms
Number
Ohms
Number
2.2
EW2D2
2.4
EW2D4
2.7
EW2D7
3.0
EW3D0
3.3
EW3D3
3.6
EW3D6
3.9
EW3D9
4.3
EW4D3
4.7
EW4D7
5.1
EW5D1
5.6
EW5D6
6.2
EW6D2
6.8
EW6D8
7.5
EW7D5
8.2
EW8D2
9.1
EW9D1
10
EW010
11
EW011
12
EW012
13
EW013
15
EW015
16
EW016
18
EW018
20
EW020
22
EW022
24
EW024
27
EW027
30
EW030
33
EW033
36
EW036
39
EW039
43
EW043
47
EW047
51
EW051
56
EW056
62
EW062
68
EW068
75
EW075
82
EW082
91
EW091
100
EW110
110
EW111
120
EW112
130
EW113
150
EW115
160
EW116
180
EW118
200
EW120
220
EW122
240
EW124
270
EW127
300
EW130
330
EW133
360
EW136
390
EW139
430
EW143
470
EW147
510
EW151
560
EW156
620
EW162
680
EW168
750
EW175
820
EW182
910
EW191
1K
EW210
1.1K
EW211
1.2K
EW212
1.3K
EW213
1.5K
EW215
1.6K
EW216
1.8K
EW218
2K
EW220
2.2K
EW222
2.4K
EW224
2.7K
EW227
3K
EW230
3.3K
EW233
3.6K
EW236
3.9K
EW239
4.3K
EW243
4.7K
EW247
5.1K
EW251
5.6K
EW256
6.2K
EW262
6.8K
EW268
7.5K
EW275
8.2K
EW282
9.1K
EW291
10K
EW310
11K
EW311
12K
EW312
13K
EW313
15K
EW315
16K
EW316
18K
EW318
20K
EW320
22K
EW322
24K
EW324
27K
EW327
30K
EW330
33K
EW333
36K
EW336
39K
EW339
43K
EW343
47K
EW347
51K
EW351
56K
EW356
62K
EW362
68K
EW368
75K
EW375
82K
EW382
91K
EW391
100K
EW410
110K
EW411
120K
EW412
130K
EW413
150K
EW415
160K
EW416
180K
EW418
200K
EW420
220K
EW422
240K
EW424
270K
EW427
300K
EW430
330K
EW433
360K
EW436
390K
EW439
430K
EW443
470K
EW447
510K
EW451
560K
EW456
620K
EW462
680K
EW468
750K
EW475
820K
EW482
910K
EW491
1M
EW510
SPECIFICATIONS
Electrical Characteristics @ 70
°C
NTE Number
Resistance Range
(Ohms)
Tolerance
(%)
Voltage
(Volts)
Operating Temperature
(Topr)
Temperature Coefficient
(PPM/
°C)
EW2D2 thru EW510
2.2 to 1M
2
150
−55
° to +155°C
200
Mechanical* (Typical, inches/mm)
NTE Number
Body Length
(L)
Body Diameter
(D)
Lead Diameter
(d)
Lead Length
(LL)
EW2D2 thru EW510
0.146 (3.7)
0.063 (1.6)
0.016 (0.4)
1.180 (30.0)
* These dimensions are for reference only, please consult the factory for actual size.
d
D
L
LL


Similar Part No. - EW447

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EW432 ETC1-EW432 Datasheet
105Kb / 2P
EW432
More results

Similar Description - EW447

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
198Kb / 3P
1 WATT METAL CASE ZENER DIODES
logo
RCD COMPONENTS INC.
BW1F-R100JBW RCD-BW1F-R100JBW Datasheet
67Kb / 1P
FUSIBLE FILM RESISTORS, GENERAL PURPOSE 1/8 WATT to 3 WATT
CFZ2537-102-JB RCD-CFZ2537-102-JB Datasheet
33Kb / 1P
HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
logo
Tumbler Technologies + ...
TC3-8S1205 TRUMPOWER-TC3-8S1205 Datasheet
28Kb / 1P
DC/DC CONVERTERS2:1 Input, 8 Watt
logo
RSG Electronic Componen...
RR4-S08-D08 RSG-RR4-S08-D08 Datasheet
155Kb / 3P
8 Watt 2:1 regulated
logo
List of Unclassifed Man...
HW9D1 ETC2-HW9D1 Datasheet
892Kb / 1P
1/2 WATT METAL
HW222 ETC2-HW222 Datasheet
892Kb / 1P
1/2 WATT METAL
logo
America Semiconductor, ...
1N3016B AMERICASEMI-1N3016B Datasheet
712Kb / 2P
1 Watt Metal Case Zener Diodes
logo
Energizer
ML1W2AAE ENERGIZER-ML1W2AAE Datasheet
186Kb / 1P
2 AA Metal Flashlight 1 Watt LED
logo
Recom International Pow...
REC8E RECOM-REC8E Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com