Electronic Components Datasheet Search
  English  ▼

X  

LBN09503 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN09503
Description  SAW Filter Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09503 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN09503 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SIPAT Co.,Ltd
www.sipatsaw.com
China Electronics Technology Group Corporation No.26 Research Institute
P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com
LBN09503 SAW Filter Electrical Characteristic
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
94.89
94.99
95.09
Insertion Loss
dB
-
23.4
27
1 dB Bandwidth
MHz
18.5
18.88
-
3 dB Bandwidth
MHz
19
19.09
-
40 dB Bandwidth
MHz
-
20.04
21
Amplitude Ripple
(f0±9.22MHz)
dB
1
1.2
Grpup Delay Variation
(f0±9.22MHz)
nsec
45
90
Absolute Delay
usec
Ultimate Rejection
dB
45
56
-
Subatrate Material
128 LiNbO3
Ambient Temperature
°C
25
Operation Temperature
°C
-40~85
Package Size
DIP3512
(35.2x12.7x5.2mm
3)
Typical Performance
75
80
85
90
95
100
105
110
115
-104.0845
-94.0845
-84.0845
-74.0845
-64.0845
-54.0845
-44.0845
-34.0845
-24.0845
Frequency(MHz)
Type performance
Package Outline
Matching Configuration
L=180nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending


Similar Part No. - LBN09503

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09503 SIPAT-LBN09503 Datasheet
47Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - LBN09503

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
LBN04404 SIPAT-LBN04404 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN6504 SIPAT-LBN6504 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN7001 SIPAT-LBN7001 Datasheet
43Kb / 1P
SAW Filter Electrical Characteristic
LBN7052 SIPAT-LBN7052 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com