Electronic Components Datasheet Search
  English  ▼

X  

LBN09604 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN09604
Description  96MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09604 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN09604 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09604 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09604 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09604
Rev. Date
2005-11-9
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
2
.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
96MHz SAW Filter
35MHz Bandwidth
Part Number: LBN09604
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
95.75
96
96.25
Insertion Loss
dB
-
17.8
19
1 dB Bandwidth
MHz
33
33.7
-
3 dB Bandwidth
MHz
34
35.5
-
30 dB Bandwidth
MHz
-
39.9
42
Passband Variation
dB
0.6
2
Absolute Delay
usec
0.91
-
Ultimate Rejection(out of f0±24MHz)
dB
35
44
-
Material Temperature coefficient
KHz/°C
-9.02
Ambient Temperature
°C
25
Package Size
SMP-53
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=150+39nH L2=100+56nH
C1=30pF C2=39pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBN09604

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09604 SIPAT-LBN09604 Datasheet
289Kb / 3P
96MHz SAW Filter 35MHz Bandwidth
More results

Similar Description - LBN09604

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09603 SIPAT-LBN09603 Datasheet
147Kb / 3P
96MHz SAW Filter 22MHz Bandwidth
LBN09607 SIPAT-LBN09607 Datasheet
151Kb / 4P
96MHz SAW Filter 10MHz Bandwidth
LBT09605 SIPAT-LBT09605 Datasheet
144Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
LBN09603 SIPAT-LBN09603 Datasheet
180Kb / 3P
96MHz SAW Filter
LBN09607 SIPAT-LBN09607 Datasheet
156Kb / 4P
96MHz SAW Filter
LBN09610 SIPAT-LBN09610 Datasheet
153Kb / 3P
96MHz SAW Filter
LBN09613 SIPAT-LBN09613 Datasheet
145Kb / 3P
96MHz SAW Filter
LBN09615 SIPAT-LBN09615 Datasheet
322Kb / 3P
96MHz SAW Filter
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com