Electronic Components Datasheet Search
  English  ▼

X  

NCDCLASSIII Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCDCLASSIII
Description  NCDClassIII
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCDCLASSIII Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCDCLASSIII Datasheet HTML 1Page - NIC-Components Corp. NCDCLASSIII Datasheet HTML 2Page - NIC-Components Corp. NCDCLASSIII Datasheet HTML 3Page - NIC-Components Corp. NCDCLASSIII Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
STANDARD PRODUCTS AND MAXIMUM DIAMETER (mm) BY T.C. AND VOLTAGE
NCD Series Class III
NIC RESERVES THE RIGHT TO REQUEST MINIMUM QUANTITIES ON CERTAIN VALUES
BODY THICKNESS
2 ~ 4MM DEPENDENT ON CV
LEAD DIAMETER
0.6MM IS STANDARD
(BULK ONLY)
(BULK AND TAPED STYLES)
23 min.
5 max.
S
J Style
1.5+0.2
4.7 + 1
5 max.
S
D Style
1.5+0.2
K Style
23 min.
5 max.
1.5+0.2
S
E Style
4.7 + 1
5 max.
1.5+0.2
S
23 min.
2 max.
S
Low Voltage
100Vdc & Below
Standard
500Vdc & Up
23 min.
3 max.
S
Cap.
(
μF)
Y5R/Y5S
Y5T
Y5V
Working Voltage (Vdc)
12
16
25
50
12
16
25
50
12
16
25
50
0.01
6
6
6
666665555
0.022
7
7
7
777786666
0.033
7
7
7
777796667
0.047
9
9
9
977796667
0.068
10
10
10
10
8
8
8
12
7777
0.1
10
10
10
12
10
10
10
12
7778
0.22
-
-------
10
10
10
-
Lead Spacing (mm) - S
Body
Diameter
Standard
Bulk
Standard
T&R
Optional Bulk
mm (inches)
Optional T&R
mm (inches)
5 ~ 11
6.35 ± 0.8
5.0 ± 0.8
5.0 ± 0.8 (0.200LS)
2.5 ± 0.8 (0.100LS)
>12
6.35 ± 0.8
5.0 ± 0.8
7.5 ± 0.8 (0.295LS)
7.5 ± 0.8 (0.295LS)
10.0 ± 0.8 (0.395LS)
10.0 ± 0.8 (0.395LS)
NCD 104 M 16
Y5T
TR
J
Optional Packaging
TR = Taped and Reel
TB = Tape and Box (Ammo)
Optional Lead Style
C = Cut Lead
D = Inside Kink (Short Leads)
E = Outward Kink (Short Leads)
J = Inside Kink (Long Leads)
K = Outward Kink (Long Leads)
Temperature Coefficient
Working Voltage DC
Tolerance Code
C = ± 0.25pF
K = ± 10%
D = ± 0.5pF
M = ± 20%
J = ± 5%
Z = + 80% / - 20%
Capacitance code, expressed in pfd,
First two digits are significant, third digit is no. of
zeros. “R” indicates decimal for under 10pfd.
Series
RoHS compliant
F
.100LS
Optional Lead Space (LS) and/or
Lead Length (LL) in inches



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com