Electronic Components Datasheet Search
  English  ▼

X  

NCMA Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCMA
Description  Axial Multilayer Ceramic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCMA Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCMA Datasheet HTML 1Page - NIC-Components Corp. NCMA Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
LEADER TAPE:
300mm min.
SPLICING TAPE:
Tape Only
MISSING PARTS:
0.25% of component count max.
No consecutive missing parts
Conformally Coated, Axial Multilayer Ceramic Capacitors
NCMA Series
DIMENSIONS (mm)
TAPE AND REEL
CLASS 1
RS-296
REEL QUANTITIES
NCMA 10
7500 pcs
NCMA 11
5000 pcs
NCMA 20
5000 pcs
NCMA 30
5000 pcs
NCMA 40
5000 pcs
L max.
D max.
.483
± .05mm
Lead Length
Min 25.4
E
B
A
F
C
D1
D2
*ALSO AVAILABLE IN 26.0mm
–0mm
+1.5mm
Optional
Design
H
I
G
K
J
Type
D
Diameter
L
Length
NCMA10
2.54
4.32
NCMA11
3.50
4.32
NCMA20
2.54
6.80
NCMA30
3.81
7.37
NCMA40
3.81
10.16
A
5mm ± 0.5mm
B*
52.4mm ± 1.5mm
C
6.35mm ± 0.4mm
E
1.2mm
F
1.6mm
G
356mm
H
76mm
I
25.4mm
J
84mm
K
70mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com