Electronic Components Datasheet Search
  English  ▼

X  

NEDZ Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NEDZ
Description  Radial Leaded & Snap-in Back-Up Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEDZ Datasheet(HTML) 2 Page - NIC-Components Corp.

  NEDZ Datasheet HTML 1Page - NIC-Components Corp. NEDZ Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Radial Leaded & Snap-in Back-Up Capacitors
NEDZ Series
NEDZH Series
NIC P/N
Case Size
(mm)
Capacitance
(F)
Voltage
(VDC)
Max. Leakage Current
@ 24 Hours (mA)
Max. ESR
@ 1KHz (m
Ω)
Typical ESR
@ 1KHz (m
Ω)
Lead
Style
NEDZ105Z2.7V8X12F
8X12
1.0
2.7
0.2
1,000
200
Radial
NEDZ275Z2.7V8X22F
8X22
2.7
2.7
0.3
500
150
Radial
NEDZ335Z2.7V10X20F
10X20
3.3
2.7
0.3
300
100
Radial
NEDZ475Z2.7V10X20F
10X20
4.7
2.7
0.4
200
80
Radial
NEDZ685Z2.7V10X30F
10X30
6.8
2.7
0.5
200
50
Radial
NEDZ106Z2.7V10X35F
10X35
10
2.7
0.6
200
40
Radial
NEDZ206Z2.7V18X35F
18X35
20
2.7
1.0
200
30
Radial
NEDZ306Z2.7V18X40F
18X40
30
2.7
1.0
200
30
Radial
NIC P/N
Case Size
(mm)
Capacitance
(F)
Voltage
(VDC
Max. Leakage Current
@ 24 Hours (mA)
Max. ESR
@ 1KHz (m
Ω)
Typical ESR
@ 1KHz (m
Ω)
Lead
Style
NEDZH506Z2.5V18X40F
18X40
50
2.5
1.0
80
30
Radial
NEDZH107Z2.5V25X40F
25X40
100
2.5
2.0
80
20
Snap-In
NEDZH307Z2.5V35X50F
35X50
300
2.5
5.0
80
15
Snap-In
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
RADIAL LEAD DIMENSIONS (mm)
Case Dia. (D
φ)
5
6.3
8
10 12.5 16
18
Lead Space (F) 2.0
2.5
3.5
5.0
7.5
Lead Dia. (d
φ)
0.6
0.8
Dim.
β
2.0
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
5mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Can Top Vent
Markings
6.3
± 1.0
10
±
1
10
L + 2.0 max.
Sleeving
Polarity Marking
(- negative terminal marked by
cross notch)
SNAP-IN LEAD DIMENSIONS (mm)
NEDZ 335 Z 2.7V 10x20 F
RoHS Compliant
Size in mm
Working Voltage
Tolerance Code Z = +80%/-20%
Capacitance Code in
μF, first 2 digits are significant,
third digit is no. of zeros
Series
PART NUMBER SYSTEM
NEDZH 506 Z 2.5V 18x40 F
RoHS Compliant
Size in mm
Working Voltage
Tolerance Code Z = +80%/-20%
Capacitance Code in
μF, first 2 digits are significant,
third digit is no. of zeros
Series
PART NUMBER SYSTEM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com