Electronic Components Datasheet Search
  English  ▼

X  

NEXC Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NEXC
Description  V-Chip Memory Back-Up Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEXC Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEXC Datasheet HTML 1Page - NIC-Components Corp. NEXC Datasheet HTML 2Page - NIC-Components Corp. NEXC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
V-Chip Memory Back-Up Capacitors
NEXC Series
NIC P/N
Capacitance
Value (F)
Discharge
Working
Voltage
(VDC)
Holding
Voltage
(VDC min.)
Max. Current
@ 30 minutes
(mA)
Max. ESR
@ 1KHz
(
Ω)
NEXC104Z3.5V10.5X5.5TRF
0.1
3.5
-
0.090
50
NEXC224Z3.5V10.5X5.5TRF
0.22
3.5
-
0.200
25
NEXC474Z3.5V10.5X8.5TRF
0.47
3.5
-
0.420
25
NEXC473Z5.5V10.5X5.5TRF
0.047
5.5
4.2
0.071
50
NEXC104Z5.5V10.5X5.5TRF
0.1
5.5
4.2
0.150
25
NEXC224Z5.5V10.5X8.5TRF
0.22
5,5
4.2
0.330
25
NEXC474Z5.5V16X9.5TRF
0.47
5.5
4.2
0.710
13
NEXC105Z5.5V21X10.5TRF
1.0
5.5
4.2
1.500
7
Rated Voltage Range
3.5 & 5.5VDC
Rated Capacitance Range
0.047F ~ 1.0F (47,000
μF ~ 1,000,000μF)
Operating Temp. Range
-25°C ~ +70°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test
+70°C 1,000 hours
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 200% of the specified maximum value
Current at 30 minutes
Less than 200% of the specified maximum value
Temperature Cycling
(5 cycles, -25 ~ +70°C
Δ Capacitance Change
Within +80%/-20% of specified value
Maximum ESR
Less than specified maximum value
Current at 30 minutes
Less than specified maximum value
Humidity Resistance
(240 hours @ 40°C/90% RH)
Δ Capacitance Change
Less than ±20% of initial measured value
Maximum ESR
Less than 120% of the specified maximum value
Current at 30 minutes
Less than 120% of the specified maximum value
Case Size
D
φ ± 0.5 L max. A/B ±0.2
I
W
P
10.5 x 5.5
10.5
5.5
10.8
3.6 ±0.5
1.2
5.0
10.5 x 8.5
10.5
8.5
10.8
3.6 ±0.5
1.2
5.0
16 x 9.5
16.0
9.5
16.3
6.8 ±1.0
1.2
5.0
21 x 10.5
21.0
10.5
21.6
7.0 ±1.0
1.4
10.0
FEATURES
• DOUBLE LAYER CONSTRUCTION
• POWER BACK-UP FOR CMOS DEVICES
• SURFACE MOUNTABLE V-CHIP STYLE
• LEAD-FREE FINISH
CASE DIMENSIONS (mm)
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
+
-
0.3mm max.
D
φ
w
P
B
A
I
L
I
I
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional precautions can be found at
www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details
with NIC’s technical support personnel: tpmg@niccomp.com
*For high temperature +85°C,
high temperature reflow parts
see the NEXCW series


Similar Part No. - NEXC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXCW NIC-NEXCW Datasheet
116Kb / 2P
V-Chip Memory Back-Up Capacitors
NEXCW104Z35V107X55TRF NIC-NEXCW104Z35V107X55TRF Datasheet
116Kb / 2P
V-Chip Memory Back-Up Capacitors
NEXCW104Z55V107X55TRF NIC-NEXCW104Z55V107X55TRF Datasheet
116Kb / 2P
V-Chip Memory Back-Up Capacitors
NEXCW224Z35V107X55TRF NIC-NEXCW224Z35V107X55TRF Datasheet
116Kb / 2P
V-Chip Memory Back-Up Capacitors
NEXCW224Z55V107X85TRF NIC-NEXCW224Z55V107X85TRF Datasheet
116Kb / 2P
V-Chip Memory Back-Up Capacitors
More results

Similar Description - NEXC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXA NIC-NEXA Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXCW NIC-NEXCW Datasheet
116Kb / 2P
V-Chip Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXS NIC-NEXS Datasheet
116Kb / 1P
Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
Memory Back-Up Capacitors
NEZVL NIC-NEZVL Datasheet
91Kb / 3P
V-Chip Memory Back-Up Capacitors
NEZVN-NEZVL NIC-NEZVN-NEZVL Datasheet
91Kb / 3P
V-Chip Memory Back-Up Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com