Electronic Components Datasheet Search
  English  ▼

X  

NEXS Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NEXS
Description  Memory Back-Up Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEXS Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEXS Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Memory Back-Up Capacitors
NEXS Series
NIC P/N
Capacitance Value (F)
Charge Discharge
Voltage (VDC)
Max. Current @
30 minutes (mA)
Max. ESR @
1KHz (
Ω)
Typical DCR
(
Ω)
NEXS223Z5.5V11.5X8.5F
0.022
0.033
5.5
0.033
60
51
NEXS473Z5.5V13X8.5F
0.047
0.072
5.5
0.071
40
18
NEXS104Z5.5V16.5X8.5F
0.100
0.150
5.5
0.150
25
11
NEXS224Z5.5V16.5X13F
0.220
0.330
5.5
0.330
25
9
NEXS474Z5.5V21.5X13F
0.470
0.750
5.5
0.710
13
4.2
NEXS474Z11V28.5X25.5F
0.470
0.600
11
1.410
7.0
3.4
NEXS105Z5.5V28.5X14F
1.000
1.300
5.5
1.500
7.0
2.9
NEXS105Z11V28.5X31.5F
1.000
1.300
11
3.000
7.0
5
NEXS105Z12V28.5X38F
1.000
1.300
12
3.600
7.5
5
NEXS505Z12V44.8X60F
5.000
6.500
12
18.000
4.0
2
Rated Voltage Range
5.5 ~ 12VDC
Rated Capacitance Range
0.022F ~ 5.0F (22,000
μF ~ 5,000,000μF)
Operating Temp. Range
-25°C ~ +70°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test @ 70°C
1,000 hours
Δ Capacitance Change
5.5V Parts - Less than ±15% of initial measured value
Others ±30% of initial measured value
Maximum ESR
Less than 200% of the specified maximum value
Current at 30 minutes
Less than 200% of the specified maximum value
Temperature Cycling
(5 cycles, -25 ~ +70°C
Δ Capacitance Change
Within +80%/-20% of specified value
Maximum ESR
Less than specified maximum value
Current at 30 minutes
Less than specified maximum value
Humidity Resistance
(240 hours @ 40°C/90% RH)
Δ Capacitance Change
5.5V Parts - Less than ± 10% of initial measured value
Others ± 20% of initial measured value
Maximum ESR
Less than 120% of the specified maximum value
Current at 30 minutes
Less than 120% of the specified maximum value
NIC P/N
DIMENSIONS (mm)
DH
S
LL
d1
d2
NEXS223Z5.5V11.5X8.5F
11.5
8.5
5.08
2.7
0.4
1.2
NEXS473Z5.5V13X8.5F
13.0
8.5
5.08
2.2
0.4
1.2
NEXS104Z5.5V16.5X8.5F
16.5
8.5
5.08
2.7
0.4
1.2
NEXS224Z5.5V16.5X13F
16.5
13.0
5.08
2.7
0.4
1.2
NEXS474ZZ5.5V21.5X13F
21.5
13.0
7.62
3.0
0.6
1.2
NEXS474Z11V28.5X25.5F
28.5
25.5
10.16
6.1
0.6
1.4
NEXS105Z5.5V28.5X14F
28.5
14.0
10.16
6.1
0.6
1.4
NEXS105Z11V28.5X31.5F
28.5
31.5
10.16
6.1
0.6
1.4
NEXS105Z12V28.5X38F
28.5
38.0
10.16
6.1
0.6
1.4
NEXS505Z12V44.8X60F
44.8
60.0
20.00
9.5
1.0
1.4
FEATURES
• DOUBLE LAYER CONSTRUCTION
• HIGH CURRENT DISCHARGE (UP TO 50mA)
• IDEAL AS MEMORY BACK-UP POWER SUPPLY
• SUITABLE FOR FLOW SOLDERING
• LEAD-FREE FINISH
CASE DIMENSIONS (mm)
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Super Capacitor
Super Capacitor
Application Guide
Application Guide
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional guidelines and precautions
can be found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
TERMINATION FINISH:
Pb-FREE (99%Sn/1%Cu)
+
-
H max.
S ±0.5
D ±0.5
LL min.
0.3mm m
in.
d1 ±0.1
d2 ±0.1
+
-


Similar Part No. - NEXS

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
NEX-DDR2MP60BSC TEKTRONIX-NEX-DDR2MP60BSC Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP60BSCSK TEKTRONIX-NEX-DDR2MP60BSCSK Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSC TEKTRONIX-NEX-DDR2MP84BSC Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSCSK TEKTRONIX-NEX-DDR2MP84BSCSK Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
NEX-DDR3MP78BSC TEKTRONIX-NEX-DDR3MP78BSC Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
More results

Similar Description - NEXS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXA NIC-NEXA Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
Memory Back-Up Capacitors
NEXT NIC-NEXT Datasheet
174Kb / 1P
Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
Memory Back-Up Capacitors
NEZX NIC-NEZX Datasheet
139Kb / 3P
Memory Back-Up Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com