Electronic Components Datasheet Search
  English  ▼

X  

NEZHC Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NEZHC
Description  Memory Back-Up Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEZHC Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEZHC Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Memory Back-Up Capacitors
NEZHC Series
NIC P/N
Case Size
(mm)
Capacitance
(F)
Voltage
(VDC)
Holding Voltage
(VDC min.)*
Max. Leakage Current
@ minutes (
μA)
Max. ESR @
1KHz (
Ω)
NEZHC473Z5.5V13.5X9.5F
13.5X9.5
0.047
5.5
4.0
69 @ 30 minutes
300
NEZHC104Z5.5V13.5X9.5F
13.5X9.5
0.1
5.5
4.0
100 @ 30 minutes
200
NEZHC224Z5.5V13.5X9.5F
13.5X9.5
0.22
5.5
4.0
135 @ 30 minutes
120
NEZHC474Z5.5V21.5X9.5F
21.5X9.5
0.47
5.5
4.0
216 @ 30 minutes
50
NEZHC684Z5.5V21.5X9.5F
21.5X9.5
0.68
5.5
4.0
260 @ 30 minutes
50
NEZHC105Z5.5V21.5X9.5F
21.5X9.5
1.0
5.5
4.0
315 @ 30 minutes
30
Rated Voltage Range
5.5VDC
Rated Capacitance Range
0.047F ~ 1.0F (47,000
μF ~ 1,000,000μF)
Operating Temp. Range
-25°C ~ +85°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test @ 85°C
3,000 hours
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 400% of the specified maximum value
Temperature Characteristics
-25°C & +85°C
Δ Capacitance Change
Within ±30% of 20°C value
Maximum ESR
500% of 20°C value
Shelf Life @ +85°C
(1,000 hours)
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 400% of the specified maximum value
FEATURES
• DOUBLE LAYER CAPACITOR
• WIDE TEMPERATURE (-25°C~ +85°C)
• LONG LIFE (3,000 HOURS)
• SUITABLE FOR FLOW SOLDERING
• LEAD-FREE FINISH
CASE DIMENSIONS (mm)
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
RoHS
Compliant
includes all homogeneous materials
Super Capacitor
Super Capacitor
Application Guide
Application Guide
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional guidelines and precautions
can be found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
*Minimum voltage at 24 hours after charging for 1 hour at 5VDC.
NIC P/N
DIMENSIONS (mm)
DH
S
L
d
1
d
2
NEZHC473Z5.5V13.5X9.5F
13.5
9.5
5.0
6.0
1.2
0.5
NEZHC104Z5.5V13.5X9.5F
13.5
9.5
5.0
6.0
1.2
0.5
NEZHC224Z5.5V13.5X9.5F
13.5
9.5
5.0
6.0
1.2
0.5
NEZHC474Z5.5V21.5X9.5F
21.5
9.5
5.0
6.0
1.2
0.5
NEZHC684Z5.5V21.5X9.5F
21.5
9.5
5.0
6.0
1.2
0.5
NEZHC105Z5.5V21.5X9.5F
21.5
9.5
5.0
6.0
1.2
0.5
NEZHC 104 Z 5.5V 13.5x9.5 F
RoHS Compliant
Size in mm
Working Voltage
Tolerance Code Z = +80%/-20%
Capacitance Code in
μF, first 2 digits are significant,
third digit is no. of zeros
Series
PART NUMBER SYSTEM


Similar Part No. - NEZHC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEZH NIC-NEZH Datasheet
138Kb / 2P
Memory Back-Up Capacitors
NEZH104Z55V135X95F NIC-NEZH104Z55V135X95F Datasheet
138Kb / 2P
Memory Back-Up Capacitors
NEZH105Z55V215X95F NIC-NEZH105Z55V215X95F Datasheet
138Kb / 2P
Memory Back-Up Capacitors
NEZH224Z55V135X95F NIC-NEZH224Z55V135X95F Datasheet
138Kb / 2P
Memory Back-Up Capacitors
NEZH473Z55V135X95F NIC-NEZH473Z55V135X95F Datasheet
138Kb / 2P
Memory Back-Up Capacitors
More results

Similar Description - NEZHC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXA NIC-NEXA Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
Memory Back-Up Capacitors
NEXS NIC-NEXS Datasheet
116Kb / 1P
Memory Back-Up Capacitors
NEXT NIC-NEXT Datasheet
174Kb / 1P
Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
Memory Back-Up Capacitors
NEZX NIC-NEZX Datasheet
139Kb / 3P
Memory Back-Up Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com