Electronic Components Datasheet Search
  English  ▼

X  

NSHC Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSHC
Description  Stacked Film Capacitor Chips
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSHC Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSHC Datasheet HTML 1Page - NIC-Components Corp. NSHC Datasheet HTML 2Page - NIC-Components Corp. NSHC Datasheet HTML 3Page - NIC-Components Corp. NSHC Datasheet HTML 4Page - NIC-Components Corp. NSHC Datasheet HTML 5Page - NIC-Components Corp. NSHC Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Stacked Film Capacitor Chips
NSHC Series
FEATURES
• STACKED METALLIZED POLYPHENYLENE SULFIDE (PPS) FILM
• STANDARD EIA 0603, 0805, 1206, 1210, 1913 AND 2416 SIZES
• WIDE TEMPERATURE RANGE UP TO +125OC (100pF ~ 0.1
μF)
• HIGH HEAT AND MOISTURE RESISTANT
• VERY STABLE TEMPERATURE, FREQUENCY AND VOLTAGE BIAS
CHARACTERISTICS
• SUITABLE FOR REFLOW SOLDERING
• TAPE AND REEL PACKAGING
ENVIRONMENTAL CHARACTERISTICS
RECOMMENDED LAND
PATTERN (mm)
A
B
NSHC IS
RECOMMENDED
FOR NEW DESIGNS
SPECIFICATIONS
Case Sizes
0603
0805
1206
1210
1913
2416
Capacitance Range
100pF ~ 0.0027
μF 100pF ~ .01μF 3300pF ~ .047μF .012μF ~ .1μF .047μF ~ .1μF .12μF ~ .22μF
Voltage Ratings
16Vdc (12Vrms), 50Vdc (40Vrms)
Capacitance Tolerance
±5% Std, ±2% Opt.
Temperature Range
-55°C ~ +125°C (0.12
μF ~ 0.22μF voltage derated above +105°C)
Dissipation Factor (20°C)
0.6% max. @ 1KHz
Insulation Resistance (20°C)
3 Gigohms Minimum
Dielectric Withstanding Voltage
150% of Rated Voltage 60 Seconds or
175% of Rated Voltage for 5 Seconds (except 1913 and 2416 case sizes)
Temperature Characteristic
±3%
ΔC Maximum Over Temperature Range
Life Test At +125°C
1,000 Hours at 125% of
Rated Voltage
Capacitance Change
Within ±2% of Initial Value
Dissipation Factor
0.68% Maximum
Insulation Resistance
1 Gigohm Minimum
Resistance to Soldering Heat
+260°C Peak
Capacitance Change
Within ±3% of Initial Value
Dissipation Factor
0.66% Maximum
Insulation Resistance
1 Gigohm Minimum
Humidity Load Life:
(1) 1000 Hours, +40°C
(2) 500 Hours, +60°C
(3) 500 Hours +85°C/85% RH
Capacitance Change
(1) & (2) Within ±2% of Initial value (3) Within ±10% of initial value
Dissipation Factor
(1) & (2) 0.90% Maximum (3) 1.2% maximum
Insulation Resistance
(1) 1 Gigohm Minimum (2) 0.5 Gigohm Minimum (3) 0.01 Gigohm min.
Solderability with
25% Wt Rosin-Methanol Flux
90% Minimum Coverage After 2.5 Second Dip into 255°C Solder Pot
Case Code
EIA Size
A
B
C
J1
0603
0.6
2.0
0.7
A1, A2
0805
0.8
2.4
1.1
B1, B2, B3
1206
1.8
3.6
1.4
C2, C3
1210
1.8
3.6
2.3
D5, D6
1913
3.0
5.6
3.0
E6, E7, E8
2416
4.0
7.0
3.8
Solder within 1 year. Storage at +30°C and 60% RH
RECOMMENDED REFLOW PROFILE
(maximum 2 times)
Peak Temperature
260°C
50
100
150
200
250
300
Time
Pre-heat
150°C ~ 180°C
120 sec. max.
25
0
Cool Down
Time above 230°C
30 sec. max.
Ramp-up
25°C ~ 150°C
90 sec. max.
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NSHC

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
NSH JST-NSH Datasheet
638Kb / 4P
NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
logo
NIHON DEMPA KOGYO
NSH03A03L NDK-NSH03A03L Datasheet
151Kb / 1P
Maximum Ratings
logo
Kyocera Kinseki Corpota...
NSH03A03L KSS-NSH03A03L Datasheet
1Mb / 7P
Schottky Barrier Diode
logo
National Instruments Co...
NSH03A03L NI-NSH03A03L_15 Datasheet
151Kb / 1P
SBD
logo
NIHON DEMPA KOGYO
NSH03A04 NDK-NSH03A04 Datasheet
149Kb / 1P
Maximum Ratings
More results

Similar Description - NSHC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
Stacked Metallized Plastic Film Capacitor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
Stacked Metallized Plastic Film Capacitor
logo
NIC-Components Corp.
NSMX NIC-NSMX Datasheet
53Kb / 3P
Wound Metalized PPS Film Capacitor Chips
NSPU NIC-NSPU Datasheet
55Kb / 2P
Stacked Film Capacitor Chips
NSWC NIC-NSWC Datasheet
99Kb / 3P
Stacked Film Capacitor Chips
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
Stacked Film Capacitor Chips
logo
Panasonic Semiconductor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
Stacked Metallized Plastic Film Capacitor
logo
NIC-Components Corp.
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
Stacked Film Capacitor Chips
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com