Electronic Components Datasheet Search
  English  ▼

X  

1554MPB2 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1554MPB2
Description  Bo챤tier pour boutons-poussoirs en polycarbonate de type 4, 4X
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1554MPB2 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1554MPB2 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1554MPB2 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Overall
Optional
Panel
Part No.
# of
Depth
22 mm
30.5 mm
Inner Panel
Dimensions
22 mm
30.5 mm
Holes
A
B
C
D
F
G
H
H
Part No.
Length
Width
1554MPB1
1554PB1
1
3.50 3.50
2.40
1.77 3.03 2.24
Center
Center
1554EPL
3.10
3.10
1554MPB2
1554PB2
2
6.30 3.50
2.40
1.77 2.24 5.79
1.89
2.52
1554JPL
5.80
3.00
1554MPB3
1554PB3
3
7.90 4.70
3.50
2.95 3.43 7.37
1.89
2.52
1554UPL
7.60
4.20
1554MPB4
1554PB4
4
7.90 4.70
3.50
2.95 3.43 7.37
1.89
2.52
1554UPL
7.60
4.20
1554MPB6
1554PB6
6
9.50 6.30
3.50
2.95 5.00 8.93
1.89
2.52
1554V PL
9.10
5.70
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com