Electronic Components Datasheet Search
  English  ▼

X  

L7805CP Datasheet(PDF) 45 Page - STMicroelectronics

Part # L7805CP
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805CP Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L7805CP Datasheet HTML 41Page - STMicroelectronics L7805CP Datasheet HTML 42Page - STMicroelectronics L7805CP Datasheet HTML 43Page - STMicroelectronics L7805CP Datasheet HTML 44Page - STMicroelectronics L7805CP Datasheet HTML 45Page - STMicroelectronics L7805CP Datasheet HTML 46Page - STMicroelectronics L7805CP Datasheet HTML 47Page - STMicroelectronics L7805CP Datasheet HTML 48Page - STMicroelectronics L7805CP Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
DocID2143 Rev 32
45/58
Positive voltage regulator ICs
Package mechanical data
58
Table 22. DPAK mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com