Electronic Components Datasheet Search
  English  ▼

X  

LBN11536 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN11536
Description  115MHz SAW Filter 15MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11536 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN11536 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11536 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11536 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN11536
Rev. Date
2007-11-13
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
2.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
115MHz SAW Filter
15MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN11536
Features
For IF SAW filter
High attenuation
Dual In-line Package
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.9
115
115.1
Insertion Loss
dB
-
26.8
35
2.5 dB Bandwidth
MHz
15
15.1
-
3 dB Bandwidth
MHz
-
15.13
-
40 dB Bandwidth
MHz
-
15.8
-
Passband Variation
dB
-
1.3
-
Absolute Delay
usec
-
3.67
4.5
f0±7.9MHz
dB
30
37
-
f0±8.1MHz
dB
45
53
-
f0±8.5MHz
dB
50
52
-
Ultimate Rejection
f0±12.5MHz
dB
50
53
-
Material Temperature coefficient
KHz/°C
-10.81
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1
Package Size
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN11536

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11536 SIPAT-LBN11536 Datasheet
187Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
More results

Similar Description - LBN11536

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11527 SIPAT-LBN11527 Datasheet
137Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN11536 SIPAT-LBN11536 Datasheet
187Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN16045 SIPAT-LBN16045 Datasheet
138Kb / 3P
159.9MHz SAW Filter 15MHz Bandwidth
LBT11562 SIPAT-LBT11562 Datasheet
141Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBT13010 SIPAT-LBT13010 Datasheet
142Kb / 3P
130MHz SAW Filter 15MHz Bandwidth
LBT87301 SIPAT-LBT87301 Datasheet
169Kb / 3P
872.5MHz SAW Filter 15MHz Bandwidth
LBN11527 SIPAT-LBN11527 Datasheet
142Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN13902 SIPAT-LBN13902 Datasheet
195Kb / 3P
138.8MHz SAW Filter 15MHz Bandwidth
LBT11562 SIPAT-LBT11562 Datasheet
141Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBT87301 SIPAT-LBT87301 Datasheet
169Kb / 3P
872.5MHz SAW Filter 15MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com