Electronic Components Datasheet Search
  English  ▼

X  

LBN11545 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN11545
Description  115MHz SAW Filter 29MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11545 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN11545 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11545 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11545 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN11545
Rev. Date
2006-7-7
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
2.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz SAW Filter
29MHz Bandwidth
Part Number: LBN11545
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.85
115
115.15
Insertion Loss
dB
-
26.7
28
1.5 dB Bandwidth
MHz
29.2
29.22
-
3 dB Bandwidth
MHz
-
29.55
-
40 dB Bandwidth
MHz
-
30.95
31
45 dB Bandwidth
MHz
-
31.03
33
50 dB Bandwidth
MHz
-
31.1
-
Passband Variation
dB
-
1.1
1.4
Absolute Delay
usec
-
2.2
5
Ultimate Rejection
dB
45
55
-
Material Temperature coefficient
KHz/°C
-9.43
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=L2=33nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L1
L2
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN11545

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11545 SIPAT-LBN11545 Datasheet
139Kb / 3P
115MHz SAW Filter 29MHz Bandwidth
More results

Similar Description - LBN11545

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBS11526 ETC2-LBS11526 Datasheet
307Kb / 3P
115MHz SAW Filter 0.22MHz Bandwidth
logo
SIPAT Co,Ltd
LBN11545 SIPAT-LBN11545 Datasheet
139Kb / 3P
115MHz SAW Filter 29MHz Bandwidth
LBN16039 SIPAT-LBN16039 Datasheet
140Kb / 3P
160MHz SAW Filter 29MHz Bandwidth
LBN11004 SIPAT-LBN11004 Datasheet
150Kb / 3P
110MHz SAW Filter 29MHz Bandwidth
LBN140A59 SIPAT-LBN140A59 Datasheet
149Kb / 3P
140MHz SAW Filter 29MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
140MHz SAW Filter 29MHz Bandwidth
LBN140A65 SIPAT-LBN140A65 Datasheet
193Kb / 3P
140MHz SAW Filter 29MHz Bandwidth
LBN10013 SIPAT-LBN10013 Datasheet
148Kb / 3P
100MHz IF SAW Filter 29MHz Bandwidth
LBN11004 SIPAT-LBN11004 Datasheet
150Kb / 3P
110MHz SAW Filter 29MHz Bandwidth
LBN16039 SIPAT-LBN16039 Datasheet
145Kb / 3P
160MHz SAW Filter 29MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com