Electronic Components Datasheet Search
  English  ▼

X  

LBN11564 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN11564
Description  115MHz SAW Filter 25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11564 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN11564 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11564 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11564 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN11564
Rev. Date
2010-10-15
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
115MHz SAW Filter
25MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN11564
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.85
115
115.15
Insertion Loss
dB
-
31.6
33
1.5 dB Bandwidth
MHz
25.4
25.43
-
3 dB Bandwidth
MHz
-
25.57
-
25 dB Bandwidth
MHz
-
26.12
26.2
40 dB Bandwidth
MHz
-
26.28
-
50 dB Bandwidth
MHz
-
26.46
27
Passband Variation
dB
-
0.9
1.3
Absolute Delay
usec
-
3.8
-
Ultimate Rejection
dB
50
55
-
Material Temperature coefficient
KHz/°C
-10.8
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN11564

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11564 SIPAT-LBN11564 Datasheet
193Kb / 3P
115MHz SAW Filter 25MHz Bandwidth
More results

Similar Description - LBN11564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBS11526 ETC2-LBS11526 Datasheet
307Kb / 3P
115MHz SAW Filter 0.22MHz Bandwidth
logo
SIPAT Co,Ltd
LBN11514 SIPAT-LBN11514 Datasheet
138Kb / 3P
115MHz SAW Filter 26MHz Bandwidth
LBN11536 SIPAT-LBN11536 Datasheet
187Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
139Kb / 3P
115MHz SAW Filter 12MHz Bandwidth
LBN11542 SIPAT-LBN11542 Datasheet
138Kb / 3P
115MHz SAW Filter 20MHz Bandwidth
LBS11508 SIPAT-LBS11508 Datasheet
140Kb / 3P
115MHz SAW Filter 1MHz Bandwidth
LBT11528 SIPAT-LBT11528 Datasheet
139Kb / 3P
115MHz SAW Filter 5MHz Bandwidth
LBN11564 SIPAT-LBN11564 Datasheet
193Kb / 3P
115MHz SAW Filter 25MHz Bandwidth
LBN11535 SIPAT-LBN11535 Datasheet
143Kb / 3P
115MHz SAW Filter 10MHz Bandwidth
LBN11558 SIPAT-LBN11558 Datasheet
186Kb / 3P
115MHz SAW Filter 9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com