Electronic Components Datasheet Search
  English  ▼

X  

DS1005 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1005
Description  5-Tap Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1005 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1005 Datasheet HTML 1Page - Dallas Semiconductor DS1005 Datasheet HTML 2Page - Dallas Semiconductor DS1005 Datasheet HTML 3Page - Dallas Semiconductor DS1005 Datasheet HTML 4Page - Dallas Semiconductor DS1005 Datasheet HTML 5Page - Dallas Semiconductor DS1005 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
111799
FEATURES
All-silicon time delay
5 taps equally spaced
Delay tolerance ±2 ns or ±3%, whichever is
greater
Stable and precise over temperature and
voltage range
Leading and trailing edge accuracy
Economical
Auto-insertable, low profile
Standard 14-pin DIP, 8-pin DIP, or 16-pin
SOIC
Tape and reel available for surface-mount
Low-power CMOS
TTL/CMOS compatible
Vapor phase, IR and wave solderability
Custom delays available
Quick turn prototypes
Extended temperature range available
PIN ASSIGNMENT
PIN DESCRIPTION
TAP 1-TAP 5 - TAP Output Number
VCC
- +5 Volts
GND
- Ground
NC
- No Connection
IN
- Input
DESCRIPTION
The DS1005 5-Tap Silicon Delay Line provides five equally spaced taps with delays ranging from 12 ns
to 250 ns, with an accuracy of
±2 ns or ±3%, whichever is greater. This device is offered in a standard 14-
pin DIP, making it compatible with existing delay line products. Space-saving 8-pin DIPs and 16-pin
SOICs are also available. Both enhanced performance and superior reliability over hybrid technology is
achieved by the combination of a 100% silicon delay line and industry standard DIP and SOIC
packaging. In order to maintain complete pin compatibility, DIP packages are available with hybrid lead
configurations. The DS1005 reproduces the input logic level at each tap after the fixed delay specified by
the dash number in Table 1. The device is designed with both leading and trailing edge accuracy. Each
tap is capable of driving up to ten 74LS loads. Dallas Semiconductor can customize standard products to
meet special needs. For special requests and rapid delivery, call (972) 371–4348.
DS1005
5-Tap Silicon Delay Line
www.dalsemi.com
IN
NC
NC
TAP 2
TAP 4
NC
GND
NC
NC
NC
TAP 5
TAP 3
TAP 1
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DS1005 14-Pin DIP (300-mil)
See Mech. Drawings Section
IN
TAP 2
TAP 4
GND
VCC
TAP 1
TAP 3
TAP 5
1
2
3
4
6
5
8
7
DS1005M 8-Pin DIP (300-mil)
See Mech. Drawings Section
DS1005S 16-Pin SOIC
(300-mil)
See Mech. Drawings Section
IN
NC
NC
TAP 2
TAP 4
NC
GND
NC
NC
NC
TAP 5
TAP 3
TAP 1
VCC
1
2
3
4
5
6
7
16
15
14
13
12
8
9
10
11
NC
NC


Similar Part No. - DS1005

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS100 BRIDGELUX-DS100 Datasheet
1Mb / 31P
Bridgelux® Gen 7 V10 Array Series
11/2022
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
logo
Dallas Semiconductor
DS1000-100 DALLAS-DS1000-100 Datasheet
65Kb / 5P
5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000-100 MAXIM-DS1000-100 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
More results

Similar Description - DS1005

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
5-Tap Silicon Delay Line
DS1004 DALLAS-DS1004 Datasheet
54Kb / 6P
5-Tap High Speed Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
10-Tap Silicon Delay Line
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
5-TAP DIP DELAY LINE
logo
Data Delay Devices, Inc...
1518-5-10T1 DATADELAY-1518-5-10T1 Datasheet
27Kb / 2P
5-TAP SMD DELAY LINE
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1004 MAXIM-DS1004 Datasheet
59Kb / 6P
5-Tap High Speed Silicon Delay Line
092500
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com