Electronic Components Datasheet Search
  English  ▼

X  

BTP2014L3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTP2014L3
Description  PNP Epitaxial Planar High Current (High Performance) Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTP2014L3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTP2014L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 6Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 7Page - Cystech Electonics Corp. BTP2014L3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C624L3
Issued Date : 2013.04.19
Revised Date :
Page No. : 2/8
BTP2014L3
CYStek Product Specification
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
12.5
°C/W
Thermal Resistance, Junction-to-ambient, max
41.7 (Note 1)
°C/W
Thermal Resistance, Junction-to-ambient, max
RθJA
78 (Note 2)
°C/W
Note: 1.For a device surface mounted on 52mm×52mm×1.6mm FR 4 PCB of 2oz. copper, in still air condition.
2.For a device surface mounted on 25mm×25mm×1.6mm FR 4 PCB of 1oz. copper, in still air condition.
Characteristics (Ta=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-180
-200
-
V
IC=-100μA
BVCER
-180
-200
-
V
IC=-1μA, RBE≤1kΩ
*BVCEO
-140
-160
-
V
IC=-10mA
BVEBO
-7
-8
-
V
IE=-100μA
ICBO
-
-
-20
nA
VCB=-150V
ICER
-
-
-20
nA
VCE=-150V, RBE≤1kΩ
IEBO
-
-
-10
nA
VEB=-6V
*VCE(sat)1
-
-39
-60
mV
IC=-100mA, IB=-5mA
*VCE(sat)2
-
-52
-80
mV
IC=-500mA, IB=-50mA
*VCE(sat)3
-
-84
-120
mV
IC=-1A, IB=-100mA
*VCE(sat)4
-
-236
-360
mV
IC=-3A, IB=-300mA
*RCE(sat)
-
79
120
mΩ
IC=-3A, IB=-300mA
*VBE(sat)
-
-965
-1040
mV
IC=-3A, IB=-300mA
*VBE(on)
-
-853
-930
mV
VCE=-5V, IC=-3A
hFE1
100
225
-
-
VCE=-5V, IC=-10mA
hFE2
100
200
300
-
VCE=-5V, IC=-1A
*hFE3
35
-
-
-
VCE=-5V, IC=-3A
*hFE4
-
5
-
-
VCE=-5V, IC=-10A
fT
-
120
-
MHz
VCE=-10V, IC=-100mA, f=50MHz
Cob
-
31
-
pF
VCB=-10V, f=1MHz
ton
42
ns
toff
636
ns
IC=-1A, IB1=-100mA, IB2=100mA,
VCC=-50V
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
BTP2014L3-0-T3-G
SOT-223
(Pb-free lead plating and halogen-free package)
2500 pcs / Tape & Reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com