Electronic Components Datasheet Search
  English  ▼

X  

BU941ZP3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BU941ZP3
Description  NPN Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BU941ZP3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BU941ZP3 Datasheet HTML 1Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 2Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 3Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 4Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C660P3
Issued Date : 2008.07.22
Revised Date :2011.01.04
Page No. : 1/5
BU941ZP3
CYStek Product Specification
NPN Epitaxial Planar Transistor
BVCEO
350V
IC
15A
VCESAT(MAX)
BU941ZP3
2V @12A
Features
•High BVCEO
•Low VCE(SAT)
•High current capability
•Built-in clamping zener
•Pb-free lead plating package
Applications
•High ruggedness electronic ignitions
Equivalent Circuit
Outline
TO-247
BU941ZP3
C
B
E
B C E
B:Base
C:Collector
E:Emitter


Similar Part No. - BU941ZP3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU941ZP STMICROELECTRONICS-BU941ZP Datasheet
84Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jan-2000
BU941ZP STMICROELECTRONICS-BU941ZP Datasheet
496Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS
03-Feb-2005
logo
Inchange Semiconductor ...
BU941ZP ISC-BU941ZP Datasheet
104Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
STMicroelectronics
BU941ZP STMICROELECTRONICS-BU941ZP Datasheet
486Kb / 11P
High voltage ignition coil driver NPN power Darlington transistors
22-Jan-2008
BU941ZPFI STMICROELECTRONICS-BU941ZPFI Datasheet
84Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jan-2000
More results

Similar Description - BU941ZP3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com