Electronic Components Datasheet Search
  English  ▼

X  

DS1202 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1202
Description  Serial Timekeeping Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1202 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1202 Datasheet HTML 3Page - Dallas Semiconductor DS1202 Datasheet HTML 4Page - Dallas Semiconductor DS1202 Datasheet HTML 5Page - Dallas Semiconductor DS1202 Datasheet HTML 6Page - Dallas Semiconductor DS1202 Datasheet HTML 7Page - Dallas Semiconductor DS1202 Datasheet HTML 8Page - Dallas Semiconductor DS1202 Datasheet HTML 9Page - Dallas Semiconductor DS1202 Datasheet HTML 10Page - Dallas Semiconductor DS1202 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DS1202, DS1202S
032697 11/11
DS1202S8 8–PIN SOIC 200 MIL
1
B
J
K
G
C
E
0–8 deg. typ.
DIM
MIN
MAX
8–PIN
PKG
A IN.
0.203
0.213
MM
5.16
5.41
B IN.
0.203
0.213
MM
5.16
5.41
C IN.
0.070
0.074
MM
1.78
1.88
E IN.
0.004
0.010
MM
0.102
0.390
F IN.
0.074
0.84
MM
1.88
2.13
G IN.
0.050 BSC
MM
1.27 BSC
H IN.
0.302
0.318
MM
7.67
8.07
J IN.
0.006
0.010
MM
0.152
0.254
K IN.
0.013
0.020
MM
0.33
0.508
L IN.
0.19
0.030
MM
4.83
0.762
A
H
L
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com