Electronic Components Datasheet Search
  English  ▼

X  

PC355N Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC355N
Description  Mini-flat Package, Darlington Phototransistor Output Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC355N Datasheet(HTML) 1 Page - Sharp Corporation

  PC355N Datasheet HTML 1Page - Sharp Corporation PC355N Datasheet HTML 2Page - Sharp Corporation PC355N Datasheet HTML 3Page - Sharp Corporation PC355N Datasheet HTML 4Page - Sharp Corporation PC355N Datasheet HTML 5Page - Sharp Corporation PC355N Datasheet HTML 6Page - Sharp Corporation PC355N Datasheet HTML 7Page - Sharp Corporation PC355N Datasheet HTML 8Page - Sharp Corporation PC355N Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PC355N Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC355)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. Hybrid substrates that require high density mounting
2. Programmable controllers
■ Applications
Mini-flat Package,
Darlington Phototransistor Output
Photocoupler
1. 4-pin Mini-flat package
2. Double transfer mold package (Ideal for Flow
Soldering)
3. Darlington phototransistor output (CTR : MIN. 600%
at IF
= 1mA, VCE=2V)
4. High isolation voltage between input and output
(Viso(rms) : 3.75kV)
■ Description
PC355N Series contains an IRED optically coupled
to a phototransistor.
It is packaged in a 4-pin Mini-flat.
Input-output isolation voltage(rms) is 3.75kV.
CTR is MIN 600% at input current of 1.0mA.
1
Sheet No.: D2-A00801EN
Date Sep. 30. 2003
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC355N Series


Similar Part No. - PC355N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355NJ0000F SHARP-PC355NJ0000F Datasheet
230Kb / 14P
Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC355NT SHARP-PC355NT Datasheet
54Kb / 5P
Mini-Flat Package, High Sensitivity Photocoupler
More results

Similar Description - PC355N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355NJ0000F SHARP-PC355NJ0000F Datasheet
230Kb / 14P
Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC365NJ0000F SHARP-PC365NJ0000F Datasheet
233Kb / 14P
Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC3H510NIP0F SHARP-PC3H510NIP0F Datasheet
187Kb / 12P
Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC3H5J00000F SHARP-PC3H5J00000F Datasheet
185Kb / 12P
Mini-flat Half Pitch Package, Darlington Phototransistor Output Photocoupler
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
logo
Vishay Siliconix
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
20-Apr-04
logo
Sharp Corporation
PC365N SHARP-PC365N Datasheet
194Kb / 14P
Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
logo
COSMO Electronics Corp...
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC357NT COSMO-KPC357NT_16 Datasheet
334Kb / 10P
4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com