Electronic Components Datasheet Search
  English  ▼

X  

MAK6B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MAK6B
Description  MA SERIES - MICRO-LIMIT SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MAK6B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MAK6B Datasheet HTML 1Page - List of Unclassifed Manufacturers MAK6B Datasheet HTML 2Page - List of Unclassifed Manufacturers MAK6B Datasheet HTML 3Page - List of Unclassifed Manufacturers MAK6B Datasheet HTML 4Page - List of Unclassifed Manufacturers MAK6B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
H
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
H4
MA SERIES - MICRO-LIMIT SWITCHES
ORDER FORMAT
M A A 6 B
Series
Circuit & quick-connect terminals
Switch rating
Actuator style
MA
A Normally open (standard) .031 x .248" (0.8x6.3mm)
6 16(4)A 250 VAC
A Pin actuator
B Normally closed (standard) .031 x .248" (0.8x6.3mm)
7 3(0.1)A 250 VAC
B Hinge actuator
C Change-over (standard) .031 x .248" (0.8x6.3mm)
C Roller actuator
D Normally open, .031 x .248" (0.8x6.3mm), spacing .197" (5mm)
E Normally closed, .031 x .248" (0.8x6.3mm), spacing .197" (5mm)
F Change-over, .031 x .248" (0.8x6.3mm), spacing .197" (5mm)
G Normally open, .020 x .189" (0.5x4.8mm)
H Normally closed, .020 x .189" (0.5x4.8mm)
I
Change-over, .020 x .189" (0.5x4.8mm)
J Normally open, .031 x .189" (0.8x4.8mm)
K Normally closed, .031 x .189" (0.8x4.8mm)
L Change-over, .031 x .189" (0.8x4.8mm)
STANDARD MODELS
Quick-connect
.031x.248"
.031x.248"
.020x.189"
.031x.189"
terminal
(0.8x6.3mm)
(0.8x6.3mm)
(0.5x4.8mm)
(0.8x4.8mm)
pin spacing -
.197"(5mm)
Switching capacity
16(4)A
3(0.1)A
16(4)A
16(4)A
3(0.1)A
16(4)A
3(0.1)A
Pin plunger
NO
MAA6A
MAA7A
MAD6A
MAG6A MAG7A
MAJ6A
MAJ7A
NC
MAB6A
MAB7A
MAE6A
MAH6A
MAH7A
MAK6A
MAK7A
CO
MAC6A
MAC7A
MAF6A
MAI6A
MAI7A
MAL6A
MAL7A
Hinge lever
NO
MAA6B
-
MAD6B
MAG6B
-
MAJ6B
-
NC
MAB6B
-
MAE6B
MAH6B
-
MAK6B
-
CO
MAC6B
-
MAF6B
MAI6B
-
MAL6B
-
Roller lever
NO
MAA6C
-
MAD6C
MAG6C
-
MAJ6C
-
NC
MAB6C
-
MAE6C
MAH6C
-
MAK6C
-
CO
MAC6C
-
MAF6C
MAI6C
-
MAL6C
-
NO =
NORMALLY OPEN:
COM (1)
NO (4)
NC =
NORMALLY CLOSED:
NC (2)
COM (1)
CO =
CHANGE-OVER:
NC (2)
COM (1)
NO (4)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com