Electronic Components Datasheet Search
  English  ▼

X  

DS1202SN Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1202SN
Description  Serial Timekeeping Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1202SN Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1202SN Datasheet HTML 1Page - Dallas Semiconductor DS1202SN Datasheet HTML 2Page - Dallas Semiconductor DS1202SN Datasheet HTML 3Page - Dallas Semiconductor DS1202SN Datasheet HTML 4Page - Dallas Semiconductor DS1202SN Datasheet HTML 5Page - Dallas Semiconductor DS1202SN Datasheet HTML 6Page - Dallas Semiconductor DS1202SN Datasheet HTML 7Page - Dallas Semiconductor DS1202SN Datasheet HTML 8Page - Dallas Semiconductor DS1202SN Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS1202, DS1202S
Serial Timekeeping Chip
DS1202, DS1202S
ECopyright 1997 by Dallas Semiconductor Corporation.
All Rights Reserved. For important information regarding
patents and other intellectual property rights, please refer to
Dallas Semiconductor data books.
032697 1/11
FEATURES
• Real time clock counts seconds, minutes, hours, date
of the month, month, day of the week, and year with
leap year compensation valid up to 2100
• 24 x 8 RAM for scratchpad data storage
• Serial I/O for minimum pin count
• 2.0–5.5 volt full operation
• Uses less than 300 nA at 2 volts
• Single–byteor multiple–byte (burst mode) data trans-
fer for read or write of clock or RAM data
• 8–pin DIP or optional 16–pin SOIC for surface mount
• Simple 3–wire interface
• TTL–compatible (V
CC = 5V)
• Optionalindustrialtemperaturerange–40°Cto+85°C
(IND)
ORDERING INFORMATION
DS1202
8–pin DIP
DS1202S
16–pin SOIC
DS1202S–8
8–pin SOIC
DS1202N
8–pin DIP (IND)
DS1202SN
16–pin SOIC (IND)
DS1202SN–8 8–pin SOIC (IND)
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
X1
NC
X2
NC
NC
GND
VCC
NC
SCLK
NC
I/O
NC
NC
RST
16–PIN SOIC
8–PIN DIP
VCC
SCLK
I/O
RST
NC
X1
X2
GND
1
2
3
4
8
7
6
5
VCC
SCLK
I/O
RST
NC
X1
X2
GND
1
2
3
4
8
7
6
5
8–PIN SOIC
(208 mil)
PIN DESCRIPTION
NC
– No Connection
X1, X2
– 32.768 KHz Crystal Input
GND
– Ground
RST
– Reset
I/O
– Data Input/Output
SCLK
– Serial Clock
VCC
– Power Supply Pin
DESCRIPTION
The DS1202 Serial Timekeeping Chip contains a real
time clock/calendar and 24 bytes of static RAM. It com-
municates with a microprocessor via a simple serial in-
terface. The real time clock/calendar provides seconds,
minutes, hours, day, date, month, and year information.
The end of the month date is automatically adjusted for
months with less than 31 days, including corrections for
leap year. The clock operates in either the 24–hour or
12–hour format with an AM/PM indicator. Interfacing the
DS1202 with a microprocessor is simplified by using
synchronous serial communication. Only three wires
are required to communicate with the clock/RAM: (1)
RST (Reset), (2) I/O (Data line), and (3) SCLK (Serial
clock). Data can be transferred to and from the clock/
RAM one byte at a time or in a burst of up to 24 bytes.
The DS1202 is designed to operate on very low power
and retain data and clock information on less than 1 mi-
crowatt.


Similar Part No. - DS1202SN

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS120 LUMILEDS-DS120 Datasheet
2Mb / 17P
Industry?셲 smallest high power emitter for use in close-packed applications requiring an undomed solution
logo
Bridgelux, Inc.
DS120 BRIDGELUX-DS120 Datasheet
2Mb / 37P
Vero® SE 10 Array
07/2023
logo
Dallas Semiconductor
DS1200 DALLAS-DS1200 Datasheet
228Kb / 7P
Serial RAM Chip
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
More results

Similar Description - DS1202SN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
Nonvolatile Timekeeping RAM
DS1672 DALLAS-DS1672 Datasheet
104Kb / 13P
Low Voltage Serial Timekeeping Chip
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
Watchdog Timekeeping Controller
REV: 112105
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
Trickle-Charge Timekeeping Chip
REV: 120208
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
Trickle Charge Timekeeping Chip
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com