Electronic Components Datasheet Search
  English  ▼

X  

TG-243 Datasheet(PDF) 2 Page - Clare, Inc.

Part # TG-243
Description  HIGH ENERGY SPARK GAP DEVICES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TG-243 Datasheet(HTML) 2 Page - Clare, Inc.

  TG-243 Datasheet HTML 1Page - Clare, Inc. TG-243 Datasheet HTML 2Page - Clare, Inc. TG-243 Datasheet HTML 3Page - Clare, Inc. TG-243 Datasheet HTML 4Page - Clare, Inc. TG-243 Datasheet HTML 5Page - Clare, Inc. TG-243 Datasheet HTML 6Page - Clare, Inc. TG-243 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATIONS
565
www.cpclare.com
HIGH ENERGY SPARK GAP DEVICES
Two Electrode High-Energy Spark Gaps
All characteristics at 25˚C.
PART
DC BREAKDOWN
INITIAL
REPETITIVE
PACKAGE
DIMENSION A
DIMENSION B
DIMENSION C
NUMBER
VOLTAGE
PULSE
PULSE
OUTLINE
(INCHES)
(INCHES)
(INCHES)
(KV
± 10%)
BREAKDOWN
BREAKDOWN
VOLTAGE (KV)(3) VOLTAGE (KV)(3)
TG-6
2.50
—
—
1
0.620 max
0.455
± 0.031
0.188 max
TG-8(1)
2.50
—
—
1
0.620 max
1.000
± 0.031
0.125 max
TG-9
3.00
—
—
1
0.620 max
0.460
± 0.031
0.188 max
TG-14
12.50
19.0 - 28.0
17.0 - 21.0
2
—
—
—
TG-15
3.00
—
—
1
0.620 max
1.000
± 0.031
0.125 max
TG-16(1)
3.00
—
—
1
0.620 max
1.000
± 0.031
0.125 max
TG-17
2.60
—
—
1
0.620 max
0.455
± 0.031
0.188 max
TG-19(2)
2.20
± 0.20
—
—
1
0.620 max
0.455
± 0.031
0.275
± .07
TG-20A
21.00
17.0 - 24.0
—
7
2.250
± 0.125
—
—
TG-22
1.00
—
—
1
0.620 max
0.435
± .031
0.188 max
TG-24
15.50
35.5 max
—
2
—
—
—
TG-25
0.40
—
—
1
0.600
± .030
1.100
± .031
0.250 max
TG-26A
0.75
—
—
2
—
—
—
TG-27A
1.00
—
—
2
—
—
—
TG-28A
1.25
—
—
2
—
—
—
TG-29
1.50
—
—
2
—
—
—
TG-30
2.00
—
—
2
—
—
—
TG-31
2.50
—
—
2
—
—
—
TG-32
3.00
—
—
2
—
—
—
TG-33
4.00
—
—
2
—
—
—
TG-34
5.00
—
—
2
—
—
—
TG-35
6.00
—
—
2
—
—
—
TG-36
8.00
—
—
2
—
—
—
TG-37
10.00
—
—
2
—
—
—
TG-38
12.50
—
—
2
—
—
—
TG-39
15.00
—
—
2
—
—
—
TG-40
17.50
—
—
2
—
—
—
TG-41A
0.75
—
—
3
—
—
—
TG-42A
1.00
—
—
3
—
—
—
TG-43A
1.25
—
—
3
—
—
—
TG-44
1.50
—
—
3
—
—
—
TG-45
2.00
—
—
3
—
—
—
TG-46
2.50
—
—
3
—
—
—
TG-47
3.00
—
—
3
—
—
—
TG-48
4.00
—
—
3
—
—
—
TG-49
5.00
—
—
3
—
—
—
TG-50
6.00
—
—
3
—
—
—
TG-51
8.00
—
—
3
—
—
—
TG-52
10.00
—
—
3
—
—
—
TG-53
12.50
—
—
3
—
—
—
TG-54
15.00
—
—
3
—
—
—
TG-55
17.50
—
—
3
—
—
—
TG-56
20.00
—
—
4
3.750
± .125
—
—
TG-57
25.00
—
—
4
3.750
± .125
—
—
TG-58
30.00
—
—
4
4.000
± .188
—
—
TG-59
40.00
—
—
4
4.250
± .188
—
—
TG-60
50.00
—
—
4
4.500
± .188
—
—
(1) 6-32 tapped hole in non-tubulated end.
(2) Identical tubulation on both ends.
(3) The voltage level at which the spark discharge occurs when a unipolarity pulse train is applied to the gap. Typically, the pulse repetition rate is 400 pps (pulses/second) with a rise
time of 0.3
µs and a pulse width of 0.5 µs. The “initial” range specifies at what increasing voltage the gap begins to fire and the “rep” range specifies at what decreasing voltage the
gap ceases to fire repetitively.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com