Electronic Components Datasheet Search
  English  ▼

X  

DS1230W Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1230W
Description  3.3V 256k Nonvolatile SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230W Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1230W Datasheet HTML 1Page - Dallas Semiconductor DS1230W Datasheet HTML 2Page - Dallas Semiconductor DS1230W Datasheet HTML 3Page - Dallas Semiconductor DS1230W Datasheet HTML 4Page - Dallas Semiconductor DS1230W Datasheet HTML 5Page - Dallas Semiconductor DS1230W Datasheet HTML 6Page - Dallas Semiconductor DS1230W Datasheet HTML 7Page - Dallas Semiconductor DS1230W Datasheet HTML 8Page - Dallas Semiconductor DS1230W Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS1230W
2 of 11
DESCRIPTION
The DS1230W 3.3V 256k Nonvolatile SRAM is a 262,144-bit, fully static, nonvolatile SRAM organized
as 32,768 words by 8 bits. Each NV SRAM has a self-contained lithium energy source and control
circuitry which constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs,
the lithium energy source is automatically switched on and write protection is unconditionally enabled to
prevent data corruption. DIP-package DS1230W devices can be used in place of existing 32k x 8 static
RAMs directly conforming to the popular bytewide 28-pin DIP standard. The DIP devices also match the
pinout of 28256 EEPROMs, allowing direct substitution while enhancing performance. DS1230W
devices in the PowerCap Module package are directly surface mountable and are normally paired with a
DS9034PC PowerCap to form a complete Nonvolatile SRAM Module. There is no limit on the number of
write cycles that can be executed and no additional support circuitry is required for microprocessor
interfacing.
READ MODE
The DS1230W executes a read cycle whenever WE (Write Enable) is inactive (high) and CE (Chip
Enable) and OE (Output Enable) are active (low). The unique address specified by the 15 address inputs
(A0 – A14) defines which of the 32,768 bytes of data is to be accessed. Valid data will be available to the
eight data output drivers within tACC (Access Time) after the last address input signal is stable, providing
that CE and OE (Output Enable) access times are also satisfied. If OE and CE access times are not
satisfied, then data access must be measured from the later-occurring signal ( CE or OE ) and the limiting
parameter is either tCO for CE or tOE for OE rather than address access.
WRITE MODE
The DS1230W executes a write cycle whenever the WE and CE signals are active (low) after address
inputs are stable. The later-occurring falling edge of CE or WE will determine the start of the write cycle.
The write cycle is terminated by the earlier rising edge of CE or WE . All address inputs must be kept
valid throughout the write cycle. WE must return to the high state for a minimum recovery time (tWR)
before another cycle can be initiated. The OE control signal should be kept inactive (high) during write
cycles to avoid bus contention. However, if the output drivers are enabled ( CE and OE active) then WE
will disable the outputs in tODW from its falling edge.
DATA RETENTION MODE
The DS1230W provides full functional capability for VCC greater than 3.0 volts and write protects by 2.8
volts. Data is maintained in the absence of VCC without any additional support circuitry. The nonvolatile
static RAMs constantly monitor VCC. Should the supply voltage decay, the NV SRAMs automatically
write protect themselves, all inputs become “don’t care,” and all outputs become high-impedance. As VCC
falls below approximately 2.5 volts, a power switching circuit connects the lithium energy source to
RAM to retain data. During power-up, when VCC rises above approximately 2.5 volts, the power
switching circuit connects external VCC to RAM and disconnects the lithium energy source. Normal
RAM operation can resume after VCC exceeds 3.0 volts.
FRESHNESS SEAL
Each DS1230W device is shipped from Dallas Semiconductor with its lithium energy source
disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than 3.0
volts, the lithium energy source is enabled for battery back-up operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com