Electronic Components Datasheet Search
  English  ▼

X  

DS1233A Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1233A
Description  3.3V EconoReset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1233A Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1233A Datasheet HTML 1Page - Dallas Semiconductor DS1233A Datasheet HTML 2Page - Dallas Semiconductor DS1233A Datasheet HTML 3Page - Dallas Semiconductor DS1233A Datasheet HTML 4Page - Dallas Semiconductor DS1233A Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS1233A
4 of 5
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
-0.5V to VCC +0.5V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
1.2
3.3
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VDD = 3.3V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Low Level @ RST
VOL
0.4
V
1
Output Current @ 0.4V
IOL
+8
mA
Operating Current
ICC
50
mA
VCC Trip Point 10%
VCCTP1
2.80
2.88
2.97
V
1
VCC Trip Point 15%
VCCTP2
2.64
2.72
2.80
V
1
Output Capacitance
COUT
10
pF
Pushbutton Detect
PBDV
0.8
2.0
V
1
Pushbutton Release
PBRD
0.3
0.8
V
1, 2
Internal Pull-Up Resistor
RP
3.75
5
6.25
k
W
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VCC = 3.3V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Reset Active Time
tRST
250
350
450
ms
VCC Detect to RST
tRPD
100
ns
VCC Slew Rate (2.85V - 2.3V)
tF
300
ms
VCC Slew Rate (2.3V - 2.85V)
tR
0ns
Pushbutton Debounce
PBDB
250
350
450
ms
VCC Detect to RST
tRPU
250
350
450
ms
NOTES:
1) All voltages are referenced to ground.
2) With a 100pF to 0.01
mF capacitor connected from RST to ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com