Electronic Components Datasheet Search
  English  ▼

X  

DS1233M Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1233M
Description  EconoReset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1233M Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1233M Datasheet HTML 1Page - Dallas Semiconductor DS1233M Datasheet HTML 2Page - Dallas Semiconductor DS1233M Datasheet HTML 3Page - Dallas Semiconductor DS1233M Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS1233M
022698 4/4
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
–0.5V to VCC + 0.5V
Operating Temperature
–40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(–40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
1.2
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(–40
°C to +85°C; VCC = 1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Output Voltage @ –500
µA
VOH
VCC–0.5V
VCC–0.1V
V
1
Output Current @ 0.4V
IOL
+8
mA
2, 3
Operating Current
ICC
50
µA
4
VCC Trip Point (DS1233M–5)
VCCTP
4.25
4.375
4.49
V
1
VCC Trip Point (DS1233M–55)
VCCTP
4.5
4.625
4.75
V
1
VCC Trip Point (DS1233M–3)
VCCTP
2.64
2.72
2.8
V
1
Output Capacitance
COUT
10
pF
Internal Pull-Up Resistor
RP
3.75
5
6.50
K
Ω
AC ELECTRICAL CHARACTERISTICS
(–40
°C to +85°C; VCC = 1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Reset Active Time
tRST
200
350
500
ms
VCC Detect to RST
tRPD
2
10
µs
VCC Slew Rate (VHTL – VLTL)
tF
300
µs
VCC Slew Rate (VLTL – VHTL)
tR
0
ns
VCC detect to RST
tRPU
200
350
500
ms
5
NOTES:
1. All voltages are referenced to ground.
2. Measured with VCC  2.7V.
3. A 1K
Ω external resistor may be required in some applications for proper operation of the microprocessor
reset control circuit.
4. Measured with outputs open.
5. tR = 5 µs.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com