Electronic Components Datasheet Search
  English  ▼

X  

IRS4428S Datasheet(PDF) 2 Page - International Rectifier

Part # IRS4428S
Description  Gate drive supply range from 6 V to 20 V
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS4428S Datasheet(HTML) 2 Page - International Rectifier

  IRS4428S Datasheet HTML 1Page - International Rectifier IRS4428S Datasheet HTML 2Page - International Rectifier IRS4428S Datasheet HTML 3Page - International Rectifier IRS4428S Datasheet HTML 4Page - International Rectifier IRS4428S Datasheet HTML 5Page - International Rectifier IRS4428S Datasheet HTML 6Page - International Rectifier IRS4428S Datasheet HTML 7Page - International Rectifier IRS4428S Datasheet HTML 8Page - International Rectifier IRS4428S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRS4426/IRS4427/IRS4428
www.irf.com
© 2010 International Rectifier
2
Table of Contents
Page
Typical connection diagram
1
Description
3
Qualification Information
4
Absolute Maximum Ratings
5
Recommended Operating Conditions
5
Static Electrical Characteristics
6
Dynamic Electrical Characteristics
7
Functional Block Diagram
8
Input/Output Pin Equivalent Circuit Diagram
10
Lead Definitions
11
Lead Assignments
11
Application Information and Additional Details
12
Package Details: SOIC8
14
Package Details: SOIC8, Tape and Reel
15
Part Marking Information
16
Ordering Information
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com