Electronic Components Datasheet Search
  English  ▼

X  

DS1245AB Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1245AB
Description  1024k Nonvolatile SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1245AB Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1245AB Datasheet HTML 1Page - Dallas Semiconductor DS1245AB Datasheet HTML 2Page - Dallas Semiconductor DS1245AB Datasheet HTML 3Page - Dallas Semiconductor DS1245AB Datasheet HTML 4Page - Dallas Semiconductor DS1245AB Datasheet HTML 5Page - Dallas Semiconductor DS1245AB Datasheet HTML 6Page - Dallas Semiconductor DS1245AB Datasheet HTML 7Page - Dallas Semiconductor DS1245AB Datasheet HTML 8Page - Dallas Semiconductor DS1245AB Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
111899
FEATURES
10 years minimum data retention in the
absence of external power
Data is automatically protected during power
loss
Replaces 128k x 8 volatile static RAM,
EEPROM or Flash memory
Unlimited write cycles
Low-power CMOS
Read and write access times as fast as 70 ns
Lithium energy source is electrically
disconnected to retain freshness until power is
applied for the first time
Full
±10% V
CC operating range (DS1245Y)
Optional
±5% V
CC operating range
(DS1245AB)
Optional industrial temperature range of
-40
°C to +85°C, designated IND
JEDEC standard 32-pin DIP package
New PowerCap Module (PCM) package
-
Directly surface-mountable module
-
Replaceable snap-on PowerCap provides
lithium backup battery
-
Standardized pinout for all nonvolatile
SRAM products
-
Detachment feature on PowerCap allows
easy removal using a regular screwdriver
PIN ASSIGNMENT
PIN DESCRIPTION
A0 - A16
- Address Inputs
DQ0 - DQ7
- Data In/Data Out
CE
- Chip Enable
WE
- Write Enable
OE
- Output Enable
VCC
- Power (+5V)
GND
- Ground
NC
- No Connect
DS1245Y/AB
1024k Nonvolatile SRAM
www.dalsemi.com
13
1
2
3
4
5
6
7
8
9
10
11
12
14
31
32-PIN ENCAPSULATED PACKAGE
740 MIL EXTENDED
A14
A7
A5
A4
A3
A2
A1
A0
DQ1
DQ0
VCC
A15
NC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ5
DQ6
32
30
29
28
27
26
25
24
23
22
21
19
20
A16
A12
A6
NC
DQ2
GND
15
16
18
17
DQ4
DQ3
1
NC
2
3
A15
A16
NC
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
NC
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
NC
GND
VBAT
34-PIN POWERCAP MODULE (PCM)
(USES DS9034PC POWERCAP)


Similar Part No. - DS1245AB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1245AB DALLAS-DS1245AB Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245AB MAXIM-DS1245AB Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
19-5638; Rev 11/10
logo
List of Unclassifed Man...
DS1245AB-120 ETC2-DS1245AB-120 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS1245AB-70 MAXIM-DS1245AB-70 Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
Rev 11/10
DS1245AB-70+ MAXIM-DS1245AB-70+ Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
19-5638; Rev 11/10
More results

Similar Description - DS1245AB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1245W DALLAS-DS1245W Datasheet
218Kb / 11P
3.3V 1024k Nonvolatile SRAM
DS1245YL DALLAS-DS1245YL Datasheet
181Kb / 9P
1024K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y Datasheet
220Kb / 12P
1024k Nonvolatile SRAM with Battery Monitor
032904
logo
Dallas Semiconductor
DS1245Y DALLAS-DS1245Y_10 Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245Y-70IND MAXIM-DS1245Y-70IND Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
Rev 11/10
logo
ARTSCHIP ELECTRONICS CO...
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
1024K Nonvolatile SRAM with Battery Monitor
022598
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
1024K Nonvolatile SRAM
021998
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
DS1245AB MAXIM-DS1245AB Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
19-5638; Rev 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com