Electronic Components Datasheet Search
  English  ▼

X  

DS1250W Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1250W
Description  3.3V 4096k Nonvolatile SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1250W Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1250W Datasheet HTML 1Page - Dallas Semiconductor DS1250W Datasheet HTML 2Page - Dallas Semiconductor DS1250W Datasheet HTML 3Page - Dallas Semiconductor DS1250W Datasheet HTML 4Page - Dallas Semiconductor DS1250W Datasheet HTML 5Page - Dallas Semiconductor DS1250W Datasheet HTML 6Page - Dallas Semiconductor DS1250W Datasheet HTML 7Page - Dallas Semiconductor DS1250W Datasheet HTML 8Page - Dallas Semiconductor DS1250W Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1250W
4 of 11
AC ELECTRICAL CHARACTERISTICS
(tA: See Note 10) (VCC=3.3V
±=0.3V)
DS1250W-150
PARAMETER
SYMBOL
MIN
MAX
TYPE
UNITS
NOTES
Read Cycle Time
tRC
150
ns
Access Time
tACC
150
ns
OE
to Output Valid
tOE
70
ns
CE
to Output Valid
tCO
150
ns
OE
or CE to Output Active
tCOE
5ns
5
Output High Z from Deselection
tOD
35
ns
5
Output Hold from Address Change
tOH
5ns
Write Cycle Time
tWC
150
ns
Write Pulse Width
tWP
100
ns
3
Address Setup Time
tAW
0ns
Write Recovery Time
tWR1
tWR2
5
20
ns
ns
12
13
Output High Z from WE
tODW
35
ns
5
Output Active from WE
tOEW
5ns
5
Data Setup Time
tDS
60
ns
4
Data Hold Time
tDH1
tDH2
0
20
ns
ns
12
13
READ CYCLE
SEE NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com