Electronic Components Datasheet Search
  English  ▼

X  

DS1267 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1267
Description  Dual Digital Potentiometer Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1267 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1267 Datasheet HTML 1Page - Dallas Semiconductor DS1267 Datasheet HTML 2Page - Dallas Semiconductor DS1267 Datasheet HTML 3Page - Dallas Semiconductor DS1267 Datasheet HTML 4Page - Dallas Semiconductor DS1267 Datasheet HTML 5Page - Dallas Semiconductor DS1267 Datasheet HTML 6Page - Dallas Semiconductor DS1267 Datasheet HTML 7Page - Dallas Semiconductor DS1267 Datasheet HTML 8Page - Dallas Semiconductor DS1267 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS1267
2 of 12
102199
DESCRIPTION
The DS1267 Dual Digital Potentiometer Chip consists of two digitally controlled, solid-state
potentiometers. Each potentiometer is composed of 256 resistive sections. Between each resistive section
and both ends of the potentiometer are tap points which are accessible to the wiper. The position of the
wiper on the resistive array is set by an 8-bit value that controls which tap point is connected to the wiper
output. Communication and control of the device are accomplished via a 3-wire serial port interface.
This interface allows the device wiper position to be read or written.
Both potentiometers can be connected in series (or stacked) for an increased total resistance with the
same resolution. For multiple-device, single-processor environments, the DS1267 can be cascaded or
daisy-chained. This feature provides for control of multiple devices over a single 3-wire bus.
The DS1267 is offered in three standard resistance values which include 10, 50, and 100-kohm versions.
Available packages for the device include a 14-pin DIP, 16-pin SOIC, and 20-pin TSSOP.
OPERATION
The DS1267 contains two 256-position potentiometers whose wiper positions are set by an 8-bit value.
These two 8-bit values are written to a 17-bit I/O shift register that is used to store the two wiper positions
and the stack select bit when the device is powered. A block diagram of the DS1267 is presented in
Figure 1.
Communication and control of the DS1267 are accomplished through a 3-wire serial port interface that
drives an internal control logic unit. The 3-wire serial interface consists of the three input signals: RST ,
CLK, and DQ.
The RST control signal is used to enable the 3-wire serial port operation of the device. The chip is
selected when RST is high; RST must be high to begin any communication to the DS1267. The CLK
signal input is used to provide timing synchronization for data input and output. The DQ signal line is
used to transmit potentiometer wiper settings and the stack select bit configuration to the 17-bit I/O shift
register of the DS1267.
Figure 9(a) presents the 3-wire serial port protocol. As shown, the 3-wire port is inactive when the RST
signal input is low. Communication with the DS1267 requires the transition of the RST input from a low
state to a high state. Once the 3-wire port has been activated, data is entered into the part on the low to
high transition of the CLK signal inputs. Three-wire serial timing requirements are provided in the timing
diagrams of Figure 9(b)-(c).
Data written to the DS1267 over the 3-wire serial interface is stored in the 17-bit I/O shift register (see
Figure 2). The 17-bit I/O shift register contains both 8-bit potentiometer wiper position values and the
stack select bit. The composition of the I/O shift register is presented in Figure 2. Bit 0 of the I/O shift
register contains the stack select bit, which will be discussed in the section entitled "Stacked
Configuration." Bits 1 through 8 of the I/O shift register contain the potentiometer-1 wiper position value.
Bit 1 contains the MSB of the wiper setting for potentiometer-1 and bit 8 the LSB for the wiper setting.
Bits 9 through 16 of the I/O shift register contain the value of the potentiometer-0 wiper position, with the
MSB for the wiper position occupying bit 9 and the LSB bit 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com