Electronic Components Datasheet Search
  English  ▼

X  

LBN12903 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN12903
Description  129.1MHz IF SAW Filter 18MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN12903 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN12903 Datasheet HTML 1Page - SIPAT Co,Ltd LBN12903 Datasheet HTML 2Page - SIPAT Co,Ltd LBN12903 Datasheet HTML 3Page - SIPAT Co,Ltd LBN12903 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN12903
Rev. Date
2007-08-06
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
129.1MHz IF SAW Filter
18MHz Bandwidth
Part Number: LBN12903
Typical Performance
Frequency Respond
Passband Respond
100
110
120
130
140
150
-115.9483
-105.9483
-95.9483
-85.9483
-75.9483
-65.9483
-55.9483
-45.9483
-35.9483
-25.9483
-15.9483
Type Performance
Frequency(MHz)
3dB CF = 129.1543MHz
3dB = 18.4431MHz
35dB = 19.1669MHz
40dB = 19.213MHz
45dB = 19.2593MHz
50dB = 19.3062MHz
55dB = 19.3591MHz
Insert Loss = -25.9483dB
Passband Ripple = 1.1894dB
Ultimate Rejection = 55.1249dB
Group Delay = 70.5367ns
Phase Linearity = 6.7652deg
Delay = 3.5366us
Horizontal: 10MHz/Div
Vertical: 10dB/Div
115
120
125
130
135
140
145
-28.4483
-27.9483
-27.4483
-26.9483
-26.4483
-25.9483
-25.4483
-24.9483
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±9MHz)
Phase Linearity(f0±9MHz)
115
120
125
130
135
140
3300
3350
3400
3450
3500
3550
3600
3650
3700
X: 129.1
Y: 3504
Type Performance
Frequency(MHz)
X: 120.1
Y: 3532
X: 138.1
Y: 3554
Horizontal: 5MHz/Div
Vertical: 50ns/Div
115
120
125
130
135
140
-20
-15
-10
-5
0
5
10
15
X: 129.1
Y: -0.403
Type Performance
Frequency(MHz)
X: 120.1
Y: 0.9636
X: 138.1
Y: 1.742
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com