Electronic Components Datasheet Search
  English  ▼

X  

ISO124 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO124
Description  Precision Lowest-Cost
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO124 Datasheet(HTML) 3 Page - Texas Instruments

  ISO124 Datasheet HTML 1Page - Texas Instruments ISO124 Datasheet HTML 2Page - Texas Instruments ISO124 Datasheet HTML 3Page - Texas Instruments ISO124 Datasheet HTML 4Page - Texas Instruments ISO124 Datasheet HTML 5Page - Texas Instruments ISO124 Datasheet HTML 6Page - Texas Instruments ISO124 Datasheet HTML 7Page - Texas Instruments ISO124 Datasheet HTML 8Page - Texas Instruments ISO124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISO124
3
SBOS074C
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C , VS1 = VS2 = ±15V, and RL = 2kΩ, unless otherwise noted.
ISO124P, U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION
Rated Voltage, continuous ac 60Hz
1500
Vac
100% Test (1)
1s, 5pc PD
2400
Vac
Isolation Mode Rejection
60Hz
140
dB
Barrier Impedance
1014 || 2
Ω || pF
Leakage Current at 60Hz
VISO = 240Vrms
0.18
0.5
µArms
GAIN
VO = ±10V
Nominal Gain
1V/V
Gain Error
±0.05
±0.50
%FSR
Gain vs Temperature
±10
ppm/
°C
Nonlinearity(2)
±0.005
±0.010
%FSR
INPUT OFFSET VOLTAGE
Initial Offset
±20
±50
mV
vs Temperature
±200
µV/°C
vs Supply
±2mV/V
Noise
4
µV/√Hz
INPUT
Voltage Range
±10
±12.5
V
Resistance
200
k
Ω
OUTPUT
Voltage Range
±10
±12.5
V
Current Drive
±5
±15
mA
Capacitive Load Drive
0.1
µF
Ripple Voltage(3)
20
mVp-p
FREQUENCY RESPONSE
Small-Signal Bandwidth
50
kHz
Slew Rate
2V/
µs
Settling Time
VO = ±10V
0.1%
50
µs
0.01%
350
µs
Overload Recovery Time
150
µs
POWER SUPPLIES
Rated Voltage
±15
V
Voltage Range
±4.5
±18
V
Quiescent Current: VS1
±5.0
±7.0
mA
VS2
±5.5
±7.0
mA
TEMPERATURE RANGE
Specification
–25
+85
°C
Operating
–25
+85
°C
Storage
–40
+125
°C
Thermal Resistance,
θ
JA
100
°C/W
θ
JC
65
°C/W
NOTES: (1) Tested at 1.6 X rated, fail on 5pC partial discharge. (2) Nonlinearity is the peak deviation of the output voltage from the best-fit straight line. It is expressed
as the ratio of deviation to FSR. (3) Ripple frequency is at carrier frequency (500kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com