Electronic Components Datasheet Search
  English  ▼

X  

DS12885Q Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS12885Q
Description  Real-Time Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS12885Q Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS12885Q Datasheet HTML 1Page - Dallas Semiconductor DS12885Q Datasheet HTML 2Page - Dallas Semiconductor DS12885Q Datasheet HTML 3Page - Dallas Semiconductor DS12885Q Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS12885/DS12885Q/DS12885T
2 of 4
DESCRIPTION
The DS12885 real-time clock plus RAM is designed to be a direct replacement for the DS1285. The
DS12885 is identical in form, fit, and function to the DS1285, and has an additional 64 bytes of general
purpose RAM. Access to this additional RAM space is determined by the logic level presented on AD6
during the address portion of an access cycle. An external crystal and battery are the only components
required to maintain time-of-day and memory status in the absence of power. For a complete description
of operating conditions, electrical characteristics, bus timing, and pin descriptions other than X1, X2,
VBAT, and RCLR , see the DS12887 data sheet.
TYPICAL OPERATING CIRCUIT
ORDERING INFORMATION
PART
PIN-PACKAGE
TEMP RANGE
DS12885
24 DIP
0°C to +70°C
DS12885N
24 DIP
-40°C to +85°C
DS12885S
24 SO
0°C to +70°C
DS12885N
24 SO
-40°C to +85°C
DS12885Q
28 PLCC
0°C to +70°C
DS12885QN
28 PLCC
-40°C to +85°C
DS12885Q/T&R
28 PLCC/Tape and Reel
0°C to +70°C
DS12885T
32 TQFP
0°C to +70°C
DS12885TN
32 TQFP
-40°C to +85°C
DS12885T/T&R
32 TQFP/Tape and Reel
0°C to +70°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com