Electronic Components Datasheet Search
  English  ▼

X  

1202A2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 1202A2
Description  Momentary pushbutton switches - round plunger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1202A2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  1202A2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APEM
www.apem.com
B2-111
B2
1200M/MR series
Robust momentary pushbutton switches - metal plunger
Distinctive features and specifications
❑
Butt action contacts, double break
❑
UL and CSA approved
MATERIALS
• Case : polyamide
• Plunger : top chrome plated
brass on polyamide base
• Bushing : brass, nickel plated
• Cap nut : brass, chrome plated
• Contacts : A : silver
C : copper, silver plated
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
- silver contacts (A) : 4A 250VAC - 8A 125VAC - 4A 24VDC - 8A 12VDC
- silver plated copper contacts (C) : 2A 250VAC - 3A 125VAC - 2A 14VDC - 3A 12VDC
• Initial contact resistance : 10 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength :
2.000 Vrms 50 Hz min. between terminals
3.000 Vrms 50 Hz min. between terminals and frame
• Electrical life : 10.000 cycles at full load
GENERAL SPECIFICATIONS
• Torque : 1,50 Nm (1.10 Ft.lb) max. applied to nut
• Panel thickness : 4,5 mm (.177) max.
• Total travel :
NO : 4,5 mm (.177) +/- 0,3 (.011)
NC : 3,5 mm (.137) +/- 0,3 (.011)
• Operating temperature : -20°C to +55°C
AGENCY APPROVALS
Availability : approved models are 1213A and 1203A (M or MR)
(model 1223A is only UL approved).
Marking : to order switches marked UL or CSA, complete appropriate box of
ordering format.
4A 250VAC - 8A 125VAC
Mounting accessories : standard hardware supplied with all models : 1 hex nut U166 and 1 conic cap nut U1866-6.
Special cap nut U1874 is presented on the following pages.
Packaging unit : 40 pieces
Dimensions : first dimensions are in mm while inches are shown as bracketed numbers.
ABOUT THIS SERIES
16-Serie 1200M-MR-A_21-Serie 1200M-MR-A 21/11/12 16:41 Page111



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com