Electronic Components Datasheet Search
  English  ▼

X  

IXDD414PI Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDD414PI
Description  14 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD414PI Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXDD414PI Datasheet HTML 2Page - IXYS Corporation IXDD414PI Datasheet HTML 3Page - IXYS Corporation IXDD414PI Datasheet HTML 4Page - IXYS Corporation IXDD414PI Datasheet HTML 5Page - IXYS Corporation IXDD414PI Datasheet HTML 6Page - IXYS Corporation IXDD414PI Datasheet HTML 7Page - IXYS Corporation IXDD414PI Datasheet HTML 8Page - IXYS Corporation IXDD414PI Datasheet HTML 9Page - IXYS Corporation IXDD414PI Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
IXDD414PI/414YI/414CI/414SI
Short Circuit di/dt Limit
APPLICATIONS INFORMATION
A short circuit in a high-power MOSFET module such as the
VM0580-02F, (580A, 200V), as shown in Figure 26, can cause
the current through the module to flow in excess of 1500A for
10µs or more prior to self-destruction due to thermal runaway.
For this reason, some protection circuitry is needed to turn off
the MOSFET module. However, if the module is switched off
too fast, there is a danger of voltage transients occuring on the
drain due to Ldi/dt, (where L represents total inductance in
series with drain).
If these voltage transients exceed the
MOSFET's voltage rating, this can cause an avalanche break-
down.
The IXDD414 has the unique capability to softly switch off the
high-power MOSFET module, significantly reducing these
Ldi/dt transients.
Thus, the IXDD414 helps to prevent device destruction from
both
dangers; over-current, and avalanche breakdown due to
di/dt induced over-voltage transients.
The IXDD414 is designed to not only provide ±14A under
normal conditions, but also to allow it's output to go into a high
impedance state. This permits the IXDD414 output to control
a separate weak pull-down circuit during detected overcurrent
shutdown conditions to limit and separately control d
VGS/dt gate
turnoff. This circuit is shown in Figure 27.
Referring to Figure 27, the protection circuitry should include
a comparator, whose positive input is connected to the source
of the VM0580-02. A low pass filter should be added to the input
of the comparator to eliminate any glitches in voltage caused
by the inductance of the wire connecting the source resistor to
ground. (Those glitches might cause false triggering of the
comparator).
The comparator's output should be connected to a SRFF(Set
Reset Flip Flop). The flip-flop controls both the Enable signal,
and the low power MOSFET gate. Please note that CMOS 4000-
series devices operate with a V
CC range from 3 to 15 VDC, (with
18 VDC being the maximum allowable limit).
A low power MOSFET, such as the 2N7000, in series with a
resistor, will enable the VMO580-02F gate voltage to drop
gradually. The resistor should be chosen so that the RC time
constant will be 100us, where "C" is the Miller capacitance of
the VMO580-02F.
For resuming normal operation, a Reset signal is needed at
the SRFF's input to enable the IXDD414 again. This Reset can
be generated by connecting a One Shot circuit between the
IXDD414 Input signal and the SRFF restart input. The One Shot
will create a pulse on the rise of the IXDD414 input, and this
pulse will reset the SRFF outputs to normal operation.
When a short circuit occurs, the voltage drop across the low-
value, current-sensing resistor, (Rs=0.005 Ohm), connected
between the MOSFET Source and ground, increases. This
triggers the comparator at a preset level. The SRFF drives a low
input into the Enable pin disabling the IXDD408 output. The
SRFF also turns on the low power MOSFET, (2N7000).
In this way, the high-power MOSFET module is softly turned off
by the IXDD414, preventing its destruction.
Figure 27 - Application Test Diagram
10uH
Ld
0.1ohm
Rd
Rs
20nH
Ls
1ohm
Rg
10kohm
R+
VMO580-02F
High_Power
5kohm
Rcomp
100pF
C+
+
-
V+
V-
Comp
LM339
1600ohm
Rsh
Ccomp
1pF
VCC
VCCA
IN
EN
GND
OUT
IXDD414
+
-
VIN
+
-
VCC
+
-
REF
+
-
VB
CD4001A
NOR2
1Mohm
Ros
NOT2
CD4049A
CD4011A
NAND
CD4049A
NOT1
CD4001A
NOR1
CD4049A
NOT3
Low_Power
2N7002/PLP
1pF
Cos
0
S
R
EN
Q
One Shot Circuit
SR Flip-Flop
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com