Electronic Components Datasheet Search
  English  ▼

X  

IXDD414CI Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDD414CI
Description  14 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD414CI Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDD414CI Datasheet HTML 2Page - IXYS Corporation IXDD414CI Datasheet HTML 3Page - IXYS Corporation IXDD414CI Datasheet HTML 4Page - IXYS Corporation IXDD414CI Datasheet HTML 5Page - IXYS Corporation IXDD414CI Datasheet HTML 6Page - IXYS Corporation IXDD414CI Datasheet HTML 7Page - IXYS Corporation IXDD414CI Datasheet HTML 8Page - IXYS Corporation IXDD414CI Datasheet HTML 9Page - IXYS Corporation IXDD414CI Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
IXDD414PI/414YI/414CI/414SI
Low-State Output Resistance
vs. Supply Voltage
Supply Voltage (V)
10
15
20
25
0.2
0.4
0.6
0.8
0.0
1.0
8
High State Output Resistance
vs. Supply Voltage
Supply Voltage (V)
10
15
20
25
0.2
0.4
0.6
0.8
0.0
1.0
8
VCC vs. PChannel Output Current
CL=.1uF VIN=0-5V@1kHz
Vcc
10
15
20
25
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
8
Vcc vs. N Channel Output Current
C
L=.1uF VIN=0-5V@1kHz
Vcc
10
15
20
25
0
2
4
6
8
10
12
14
16
18
20
22
24
8
Enable Threshold vs. Supply Voltage
Supply Voltage (V)
8
10
12
14
16
18
20
22
24
26
0
2
4
6
8
10
12
14
Fig. 21
Fig. 22
Fig. 23
Fig. 24
Fig. 25
Figure 26 - Typical Application Short Circuit di/dt Limit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com