Electronic Components Datasheet Search
  English  ▼

X  

DP-820 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP-820
Description  Acrylic Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP-820 Datasheet(HTML) 4 Page - 3M Electronics

  DP-820 Datasheet HTML 1Page - 3M Electronics DP-820 Datasheet HTML 2Page - 3M Electronics DP-820 Datasheet HTML 3Page - 3M Electronics DP-820 Datasheet HTML 4Page - 3M Electronics DP-820 Datasheet HTML 5Page - 3M Electronics DP-820 Datasheet HTML 6Page - 3M Electronics DP-820 Datasheet HTML 7Page - 3M Electronics DP-820 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3M™ Scotch-Weld™
Acrylic Adhesives
DP805 • DP820
- 4 -
Typical Adhesive
Performance
Characteristics
(continued)
Product
Scotch-Weld
Scotch-Weld
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
-67°F (-55°C)
2500
3100
73°F (23°C)
3500
3150
180°F (83°C)
2200
1900
200°F (93°C)
—
1450
Overlap Shear
14 (Etched Alum./Etched Alum.) Tested at Various Temperatures (psi)
Product
Scotch-Weld
Scotch-Weld
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
Etched Alum (Oily)
3500
1650
120°F (49°C)/100% RH/4 wks
Etched Alum
3300
1000
200°F (93°C)/100% RH/2 wks
CRS (Oily)
2600
1150
120°F (49°C)/100% RH/2 wks
Overlap Shear14 of Heat/Temp. Aged Oil Surfaces (psi)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M™ Scotch-Weld™
3M™ Scotch-Weld™
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
Control (RT Aging)
2800
2500
248°F (120°C)/2 wks
500
300
194°F (90°C)/90% RH/2 wks
2200
850
Tap Water 1 wk/RT
2500
850
Overlap Shear14 (CRS/CRS) Tested After Environmental Exposure (psi)
RT = Room Temperature
RH = Relative Humidity
14. Overlap Shear (ASTM D-1002-64) (3M TM C-236) strengths were measured on 1 in. wide 1/2 in. overlap specimens. These bonds were
made individually using 1 in. x 4 in. pieces of substrate. The thickness of the bond line was 0.005 - 0.008 in. All strengths were measured
at 73°F (23°C) except when noted. The separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in. per minute for plastics
and 20 in. per minute for rubbers. The thickness of the substrates were: steel 0.035 in.; other metals: 0.05-0.064 in.; rubbers, 0.125 in.;
plastics, 0.125 in.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com