Electronic Components Datasheet Search
  English  ▼

X  

DS1302S Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1302S
Description  Trickle Charge Timekeeping Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302S Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1302S Datasheet HTML 5Page - Dallas Semiconductor DS1302S Datasheet HTML 6Page - Dallas Semiconductor DS1302S Datasheet HTML 7Page - Dallas Semiconductor DS1302S Datasheet HTML 8Page - Dallas Semiconductor DS1302S Datasheet HTML 9Page - Dallas Semiconductor DS1302S Datasheet HTML 10Page - Dallas Semiconductor DS1302S Datasheet HTML 11Page - Dallas Semiconductor DS1302S Datasheet HTML 12Page - Dallas Semiconductor DS1302S Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1302
9 of 14
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.5V to +7.0V
Operating Temperature
0°C to 70°C or - 40
°C to +85°C for industrial
Storage Temperature
–55°C to +125°C
Soldering Temperature
260°C for 10 seconds (DIP)
See IPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
ºC to 70ºC or -40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage VCC1, VCC2
VCC1,
VCC2
2.0
5.5
V
1, 11
Logic 1 Input
VIH
2.0
VCC+0.3
V
1
VCC=2.0V
-0.3
+0.3
Logic 0 Input
VIL
VCC=5V
–0.3
+0.8
V1
*-40°C to +85°C for industrial device.
DC ELECTRICAL CHARACTERISTICS
(0
ºC to 70ºC or -40
°C to +85°C; V
CC = 2.0 to 5.5V*)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
+500
µA6
I/O Leakage
ILO
+500
µA6
VCC=2.0V
1.6
Logic 1 Output
VOH
VCC=5V
2.4
V2
VCC=2.0V
0.4
Logic 0 Output
VOL
VCC=5V
0.4
V3
VCC1=2.0V
0.4
Active Supply Current
ICC1A
VCC1=5V
1.2
mA
5, 12
VCC1=2.0V
0.3
Timekeeping Current
ICC1T
VCC1=5V
1
µA
4, 12
VCC1=2.0V
100
VCC1=5V
100
Standby Current
ICC1S
IND
200
nA
10, 12,
14
VCC2=2.0V
0.425
Active Supply Current
ICC2A
VCC2=5V
1.28
mA
5, 13
VCC2=2.0V
25.3
Timekeeping Current
ICC2T
VCC2=5V
81
µA
4, 13
VCC2=2.0V
25
Standby Current
ICC2S
VCC2=5V
80
µA
10, 13
Trickle Charge Resistors
R1
R2
R3
2
4
8
kΩ
kΩ
kΩ
Trickle Charge Diode Voltage Drop
VTD
0.7
V
*Unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com