Electronic Components Datasheet Search
  English  ▼

X  

DS1307 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1307
Description  64 X 8 Serial Real Time Clock
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1307 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1307 Datasheet HTML 3Page - Dallas Semiconductor DS1307 Datasheet HTML 4Page - Dallas Semiconductor DS1307 Datasheet HTML 5Page - Dallas Semiconductor DS1307 Datasheet HTML 6Page - Dallas Semiconductor DS1307 Datasheet HTML 7Page - Dallas Semiconductor DS1307 Datasheet HTML 8Page - Dallas Semiconductor DS1307 Datasheet HTML 9Page - Dallas Semiconductor DS1307 Datasheet HTML 10Page - Dallas Semiconductor DS1307 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DS1307
8 of 11
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
0°C to 70°C (-40°C to 85°C for industrial)
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds DIP
See JPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C or -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
Logic 1
VIH
2.2
VCC+0.3
V
1
Logic 0
VIL
-0.3
+0.8
V
1
VBAT Battery Voltage
VBAT
2.0
3.5
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C or -40°C to +85°C; V
CC =4.5V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
1
µA
10
I/O Leakage
ILO
1
µA
11
Logic 0 Output
VOL
0.4
V
2
Active Supply Current
ICCA
1.5
mA
9
Standby Current
ICCS
200
µA
3
Battery Current (OSC ON);
SQW/OUT OFF
IBAT1
300
500
nA
4
Battery Current (OSC ON);
SQW/OUT ON (32 kHz)
IBAT2
480
800
nA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com