Electronic Components Datasheet Search
  English  ▼

X  

DS1306E Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1306E
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306E Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1306E Datasheet HTML 10Page - Dallas Semiconductor DS1306E Datasheet HTML 11Page - Dallas Semiconductor DS1306E Datasheet HTML 12Page - Dallas Semiconductor DS1306E Datasheet HTML 13Page - Dallas Semiconductor DS1306E Datasheet HTML 14Page - Dallas Semiconductor DS1306E Datasheet HTML 15Page - Dallas Semiconductor DS1306E Datasheet HTML 16Page - Dallas Semiconductor DS1306E Datasheet HTML 17Page - Dallas Semiconductor DS1306E Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DS1306
14 of 20
DC ELECTRICAL CHARACTERISTICS (cont’d)
(0
°C to 70°C or –40°C to +85°C; V
CC = 2.0 to 5.5V*)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Battery Timekeeping Current
IBATT
VBAT=3V
550
nA
12
Battery Timekeeping Current (IND)
IBATT
VBAT=3V
800
nA
12
Trickle Charge Resistors
R1
R2
R3
2
4
8
k
Ω
k
Ω
k
Ω
Trickle Charger Diode Voltage
Drop
VTD
0.7
V
CAPACITANCE
(tA = 25
°C)
PARAMETER
SYMBOL
CONDITION
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
10
pF
Output Capacitance
CO
15
pF
Crystal Capacitance
CX
6pF
3-WIRE AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C or –40°C to +85°C; V
CC = 2.0V to 5.5V*)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC=2.0V
200
Data to CLK Setup
tDC
VCC=5V
50
ns
5, 6
VCC=2.0V
280
CLK to Data Hold
tCDH
VCC=5V
70
ns
5, 6
VCC=2.0V
800
CLK to Data Delay
tCDD
VCC=5V
200
ns
5, 6, 7
VCC=2.0V
1000
CLK Low Time
tCL
VCC=5V
250
ns
6
VCC=2.0V
1000
CLK High Time
tCH
VCC=5V
250
ns
6
VCC=2.0V
0.6
CLK Frequency
tCLK
VCC=5V
DC
2.0
MHz
6
VCC=2.0V
2000
CLK Rise and Fall
tR, tF
VCC=5V
500
ns
VCC=2.0V
4
CE to CLK Setup
tCC
VCC=5V
1
µs
6
VCC=2.0V
240
CLK to CE Hold
tCCH
VCC=5V
60
ns
6
VCC=2.0V
4
CE Inactive Time
tCWH
VCC=5V
1
µs
6
VCC=2.0V
280
CE to Output High Z
tCDZ
VCC=5V
70
ns
5, 6
VCC=2.0V
280
SCLK to Output High Z
tCCZ
VCC=5V
70
ns
5, 6
*Unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com