Electronic Components Datasheet Search
  English  ▼

X  

MS920SE Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # MS920SE
Description  MS Lithium Rechargeable Battery
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MS920SE Datasheet(HTML) 4 Page - Seiko Instruments Inc

  MS920SE Datasheet HTML 1Page - Seiko Instruments Inc MS920SE Datasheet HTML 2Page - Seiko Instruments Inc MS920SE Datasheet HTML 3Page - Seiko Instruments Inc MS920SE Datasheet HTML 4Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9
MS Lithium Rechargeable Battery
3V Type
Micro Battery 2007-2008
MS614E, 614SE FL28E
1.8
±0.5
2.1
±0.1
2.5 +0.3
-0.5
(Sn plated portion)
(Sn plated portion)
(Sn plated portion)
(Sn plated portion)
(Sn plated portion)
(Sn plated portion)
(Sn plated
portion)
(Sn plated portion)
(Sn plated portion)
(Sn plated portion)
1.8
±0.5
1.5
±0.5
2.5+0.3
-0.5
1.6
±0.2
MS614E, 614SE FL29E
1.8
±0.5
2.5 0-0.6
2.5+0.3
-0.5
2.1
±0.1
MS614E, 614SE IL38E
MS621FE FL11E
1.8
±0.5
2.5
±0.3
2.2
±0.1
1.7
±0.5
2.5
±0.4
2.2
±0.1
2.5
±0.4
1.7
±0.5
1.8
±0.5
MS621FE IL36E
2.2
±0.1
( 3.3)
1.8
±0.5
1.7
±0.5
12.8
0
-1.0
MS920SE FL27E
MS920SE IL37E
2.2
±0.1
1.7
±0.5
1.8
±0.5
2.5
±0.4
2.5
±0.4
(Sn plated portion)
(Sn plated
portion)
Recommend
Recommend
Recommend
Recommend
DIMENSIONS OF STANDARD TERMINALS OF MS LITHIUM RECHARGEABLE BATTERIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com