Electronic Components Datasheet Search
  English  ▼

X  

DS1306EN Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1306EN
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306EN Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1306EN Datasheet HTML 1Page - Dallas Semiconductor DS1306EN Datasheet HTML 2Page - Dallas Semiconductor DS1306EN Datasheet HTML 3Page - Dallas Semiconductor DS1306EN Datasheet HTML 4Page - Dallas Semiconductor DS1306EN Datasheet HTML 5Page - Dallas Semiconductor DS1306EN Datasheet HTML 6Page - Dallas Semiconductor DS1306EN Datasheet HTML 7Page - Dallas Semiconductor DS1306EN Datasheet HTML 8Page - Dallas Semiconductor DS1306EN Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS1306
4 of 20
32 kHz (32.768 kHz Clock Output) - The 32 kHz pin provides a 32.768 kHz output. This signal is
always present.
X1, X2 - Connections for a standard 32.768 kHz quartz crystal. The internal oscillator is designed for
operation with a crystal having a specified load capacitance of 6 pF. For more information on crystal
selection and crystal layout considerations, please consult Application Note 58, “Crystal Considerations
with Dallas Real Time Clocks.” The DS1306 can also be driven by an external 32.768 kHz oscillator. In
this configuration, the X1 pin is connected to the external oscillator signal and the X2 pin is floated.
RTC AND RAM ADDRESS MAP
The address map for the RTC and RAM registers of the DS1306 is shown in Figure 2. Data is written to
the RTC by writing to address locations 80h to 9Fh and is written to the RAM by writing to address
locations A0h to FFh. RTC data is read by reading address locations 00h to 1Fh and RAM data is read by
reading address locations 20h to 7Fh.
ADDRESS MAP Figure 2
00H
1FH
CLOCK/CALENDAR
READ ADDRESSES ONLY
20H
7FH
96-BYTES USER RAM
READ ADDRESSES ONLY
80H
9FH
CLOCK/CALENDAR
WRITE ADDRESSES ONLY
A0H
FFH
96-BYTES USER RAM
WRITE ADDRESSES ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com