Electronic Components Datasheet Search
  English  ▼

X  

M3449 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M3449
Description  Straight-Thru, PG Hubs with Integral Sealing Ring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M3449 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M3449 Datasheet HTML 1Page - List of Unclassifed Manufacturers M3449 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“ S t a y C o n n e c t e d w i t h H e y c o ” L i q u i d T i g h t C o r d g r i p s
Quick
Specs
3-2
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Heyco
®-Tite Liquid Tight Cordgrips
Straight-Thru, PG Hubs with Integral Sealing Ring
The Ultimate in Liquid Tight Strain Relief Protection
SUGGESTED CLEARANCE HOLE
FOR NONTHREADED MOUNTING
A
D
C
B
E
SEALING NUT
INTEGRAL SEALING RING
Material
Nylon 6/6 w/Buna N or TPE Sealing Gland
Certifications
Listed under Underwriters’ Laboratories File E51579
Recognized under the Component Program of Underwriters’
Laboratories File E51579
Certified by Canadian Standard Association File 93876C
Approved for NEMA 6 and 6P Applications
Flammability Rating
94V-2
Temperature Rating
Static -40°F (-40°C) to 239°F (115°C)
Dynamic -4°F (-20°C) to 212°F (100°C)
IP Rating
IP 68 (70 PSI, 5 BAR)
CABLE DIA. RANGE
PART NO.
DESC.
PART DIMENSIONS
A
BC
D
E
Minimum
Maximum
Black
Gray
or
Clearance
Max. O.A.
Thread
Wrenching Nut
Hole Dia.
Length
Length
Thk.
Flat Size
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm. in.
mm.
in.
mm.
.065
1,7
.220
5,6
M3444
M3445
RLTCG 7
.492 12,5 1.16 29,5
.32
8,1
.21
5,3
.63 16,0
.115
2,9
.250
6,4
M3207
M3208
LTCG 7
.065
1,7
.187
4,7
M3446
M3447
RLTCG 9
.599 15,2 1.25 31,8
.32
8,1
.21
5,3
.83 21,0
.105
2,7
.312
7,9
M3210
M3211
LTCG 9
.069
1,8
.250
6,6
M3448
M3449
RLTCG 11
.733 18,6 1.48 37,6
.38
9,7
.21
5,3
.94 23,9
.230
5,8
.395 10,0
M3213
M3214
LTCG 11
.095
2,4
.260
6,6
M4500
M4501
RLTCG 13.5
.804 20,4 1.50 38,1
.41
10,4
.21
5,3
.98 24,9
.170
4,3
.450 11,4
M3216
M3217
LTCG 13.5
.180
4,6
.440 11,2
M4502
M4503
RLTCG 16
.886 22,5 1.68 42,7
.44
11,2
.25
6,4 1.06 26,9
.260
5,8
.546 13,9
M3219
M3220
LTCG 16
.250
6,4
.485 12,3 M3454ST M3455ST RLTCG 21 ST
1.115 28,3 1.80 45,7
.43
10,9
.25
6,4 1.30 33,0
.485 12,3
.709 18,0 M3222ST M3223ST LTCG 21 ST
*
.250
6,4
.485 12,3
M3454
M3455
RLTCG 21
1.115 28,3 1.89 48,0
.52
13,2
.25
6,4 1.30 33,0
.485 12,3
.709 18,0
M3222
M3223
LTCG 21
.490 12,4
.787 20,0
M4504
M4505
RLTCG 29
1.470 37,7 2.23 56,6
.58
14,7
.30
7,6 1.73 43,9
.590 15,0 1.000 25,4
M3225
M3226
LTCG 29
.787 20,0 1.020 25,9
M3206
M3205
RLTCG 36
1.875 47,6 2.72 69,1
.47
11,9
.30
7,6 2.05 52,1
.865 22,0 1.260 32,0
M3204
M3203
LTCG 36
1.000 25,4 1.240 31,5
M3218
M3215
RLTCG 42
2.130 54,1 2.50 63,5
.45
11,4
.36
9,1 2.48 63,0
1.230 31,2 1.500 38,1
M3212
M3209
LTCG 42
1.160 29,5 1.350 34,3
M3283
M3284
RLTCG 48
2.340 59,4 2.63 66,7
.49
12,4
.42
10,7 2.75 69,9
1.450 36,8 1.730 44,0
M3281
M3282
LTCG 48
Standard colors black and gray.
*Note: .43˝ (10,9 mm) Shorty LTCG Thread Length.
• Integral Sealing Ring ensures a
superior seal at the clearance or
threaded mounting hole location,
every time.
• Widest range of approved cable
diameters.
• IP 68 rated.
• Approved for NEMA 6 and 6P
applications.
• Ratchet design of sealing nut
assembly provides superior anti-
vibration protection and ensures a
firm grip on the cable.
• Acme threads on body prevent
skipping and speed installation.
• All nylon construction with Buna N or
TPE sealing gland resists salt water,
weak acids, gasoline, alcohol, oil,
grease, and common solvents.
(This feature is not assessed by UL.)
• Multiple sizes for flexible cord
diameters ranging from .065˝ (1,7 mm)
to 1.730˝ (44,0 mm).
• We recommend using the fitting with
the smallest maximum diameter that
will fit your application.
• Unassembled Nylon Locknuts
INCLUDED.
• For Heyco Liquid Tight Threaded Plugs,
see page 3-32.
• Consult Heyco for cordgrips molded
in other colors.
SUGGESTED CLEARANCE HOLE
FOR NONTHREADED MOUNTING
A
D
C
B
E
SEALING NUT
INTEGRAL SEALING RING


Similar Part No. - M3449

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3449 HEYCO-M3449 Datasheet
268Kb / 1P
Tite Liquid Tight Cordgrips
M3449ST HEYCO-M3449ST Datasheet
268Kb / 1P
Tite Liquid Tight Cordgrips
More results

Similar Description - M3449

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3211 ETC2-3211 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Molex Electronics Ltd.
130098-0146 MOLEX11-130098-0146 Datasheet
51Kb / 1P
MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male with O-Ring,
1300980133 MOLEX11-1300980133 Datasheet
43Kb / 1P
MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male with O-Ring
logo
Glenair, Inc.
280-014 GLENAIR-280-014_15 Datasheet
364Kb / 2P
O-Ring Panel Sealing
logo
Molex Electronics Ltd.
1300980158 MOLEX11-1300980158 Datasheet
43Kb / 1P
MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male with O-Ring
1300980164 MOLEX11-1300980164 Datasheet
43Kb / 1P
MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male with O-Ring,
logo
Laird Tech Smart Techno...
GPSU15M LSTD-GPSU15M Datasheet
606Kb / 1P
Fully waterproof o-ring sealing
logo
HARTING Technology Grou...
09-00-000-5072 HARTING-09-00-000-5072 Datasheet
444Kb / 2P
Acces. Blanking Piece PG 16 with o-ring
2021-10-01
09-00-000-5073 HARTING-09-00-000-5073 Datasheet
444Kb / 2P
Acces. Blanking Piece PG 21 with o-ring
2021-10-01
09-00-000-5075 HARTING-09-00-000-5075 Datasheet
444Kb / 2P
BLINDSTOPFEN M.O-RING PG 36
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com